Electronic Components Datasheet Search
  English  ▼

X  

XT-E Datasheet(PDF) 13 Page - Cree, Inc

Part # XT-E
Description  Cree XLamp XT-E LEDs
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XT-E Datasheet(HTML) 13 Page - Cree, Inc

Back Button XT-E Datasheet HTML 9Page - Cree, Inc XT-E Datasheet HTML 10Page - Cree, Inc XT-E Datasheet HTML 11Page - Cree, Inc XT-E Datasheet HTML 12Page - Cree, Inc XT-E Datasheet HTML 13Page - Cree, Inc XT-E Datasheet HTML 14Page - Cree, Inc XT-E Datasheet HTML 15Page - Cree, Inc XT-E Datasheet HTML 16Page - Cree, Inc XT-E Datasheet HTML 17Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
Copyright © 2011-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and XLamp® are registered trademarks and the Cree logo is a trademark of
Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
13
XLamp® XT-E LED
Notes:
•
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and ±2 on CRI measurements.
See the Measurements section (page 41).
•
Cree XLamp XT-E LED order codes specify only a minimum flux bin and not a maximum. Cree may ship reels in flux bins higher than the minimum
specified by the order code without advance notice. Shipments will always adhere to the chromaticity or DWL bin restrictions specified by the order
code.
*
Flux values @ 25 °C are calculated and for reference only.
Chromaticity
Minimum Luminous Flux
(lm) @ 350 mA
order Codes
Kit
CCT
Code
Flux
(lm) @
85 °C
Flux
(lm) @
25 °C*
no Minimum CRi
70 CRI Minimum
80 CRI Typical
80 CRI Minimum
85 CRI Minimum
90 CRI Minimum
F8
2850 K
R3
122
134
XTEAWT-00-0000-
000000FF8
XTEAWT-00-0000-
00000BFF8
XTEAWT-00-0000-
00000LFF8
R2
114
125
XTEAWT-00-0000-
000000EF8
XTEAWT-00-0000-
00000BEF8
XTEAWT-00-0000-
00000LEF8
XTEAWT-00-0000-
00000HEF8
Q5
107
118
XTEAWT-00-0000-
000000DF8
XTEAWT-00-0000-
00000BDF8
XTEAWT-00-0000-
00000LDF8
XTEAWT-00-0000-
00000HDF8
Q4
100
110
XTEAWT-00-0000-
000000CF8
XTEAWT-00-0000-
00000BCF8
XTEAWT-00-0000-
00000LCF8
XTEAWT-00-0000-
00000HCF8
Q3
93.9
103
XTEAWT-00-0000-
000000BF8
XTEAWT-00-0000-
00000BBF8
XTEAWT-00-0000-
00000LBF8
XTEAWT-00-0000-
00000HBF8
XTEAWT-00-0000-
00000PBF8
Q2
87.4
96.1
XTEAWT-00-0000-
00000LAF8
XTEAWT-00-0000-
00000HAF8
XTEAWT-00-0000-
00000PAF8
XTEAWT-00-
0000-00000UAF8
P4
80.6
88.6
XTEAWT-00-0000-
00000P9F8
XTEAWT-00-
0000-00000U9F8
P3
73.9
81.2
XTEAWT-00-0000-
00000P8F8
XTEAWT-00-
0000-00000U8F8
E8
2700 K
R3
122
134
XTEAWT-00-0000-
000000FE8
XTEAWT-00-0000-
00000BFE8
XTEAWT-00-0000-
00000LFE8
R2
114
125
XTEAWT-00-0000-
000000EE8
XTEAWT-00-0000-
00000BEE8
XTEAWT-00-0000-
00000LEE8
XTEAWT-00-0000-
00000HEE8
Q5
107
118
XTEAWT-00-0000-
000000DE8
XTEAWT-00-0000-
00000BDE8
XTEAWT-00-0000-
00000LDE8
XTEAWT-00-0000-
00000HDE8
Q4
100
110
XTEAWT-00-0000-
000000CE8
XTEAWT-00-0000-
00000BCE8
XTEAWT-00-0000-
00000LCE8
XTEAWT-00-0000-
00000HCE8
Q3
93.9
103
XTEAWT-00-0000-
000000BE8
XTEAWT-00-0000-
00000BBE8
XTEAWT-00-0000-
00000LBE8
XTEAWT-00-0000-
00000HBE8
XTEAWT-00-0000-
00000PBE8
Q2
87.4
96.1
XTEAWT-00-0000-
00000LAE8
XTEAWT-00-0000-
00000HAE8
XTEAWT-00-0000-
00000PAE8
XTEAWT-00-
0000-00000UAE8
P4
80.6
88.6
XTEAWT-00-0000-
00000P9E8
XTEAWT-00-
0000-00000U9E8
P3
73.9
81.2
XTEAWT-00-0000-
00000P8E8
XTEAWT-00-
0000-00000U8E8
eA
2200 K
Q4
100
110
XTEAWT-00-0000-
00000BCEA
Q3
93.9
103
XTEAWT-00-0000-
00000BBEA
XTEAWT-00-0000-
00000HBEA
Q2
87.4
96.1
XTEAWT-00-0000-
00000BAEA
XTEAWT-00-0000-
00000HAEA
P4
80.6
88.6
XTEAWT-00-0000-
00000B9EA
XTEAWT-00-0000-
00000H9EA
P3
73.9
81.2
XTEAWT-00-0000-
00000H8EA
FLuX ChARACTERisTiCs - WhiTE, sTAnDARD (T
J = 85 °C) - ConTInued



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com