Electronic Components Datasheet Search
  English  ▼

X  

XT-E Datasheet(PDF) 22 Page - Cree, Inc

Part # XT-E
Description  Cree XLamp XT-E LEDs
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XT-E Datasheet(HTML) 22 Page - Cree, Inc

Back Button XT-E Datasheet HTML 18Page - Cree, Inc XT-E Datasheet HTML 19Page - Cree, Inc XT-E Datasheet HTML 20Page - Cree, Inc XT-E Datasheet HTML 21Page - Cree, Inc XT-E Datasheet HTML 22Page - Cree, Inc XT-E Datasheet HTML 23Page - Cree, Inc XT-E Datasheet HTML 24Page - Cree, Inc XT-E Datasheet HTML 25Page - Cree, Inc XT-E Datasheet HTML 26Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 45 page
background image
Copyright © 2011-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and XLamp® are registered trademarks and the Cree logo is a trademark of
Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
22
XLamp® XT-E LED
RELATivE LuMinous FLuX vs. JunCTion TEMPERATuRE - WhiTE (i
F = 350 mA)
RELATivE RADiAnT FLuX vs. JunCTion TEMPERATuRE - RoyAL BLuE (i
F = 350 mA)
Relative Flux Output vs. Junction Temperature
0%
20%
40%
60%
80%
100%
120%
25
50
75
100
125
150
Junction Temperature (ºC)
Relative Flux Output vs. Junction Temperature
0%
20%
40%
60%
80%
100%
120%
25
50
75
100
125
150
Junction Temperature (ºC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com