Electronic Components Datasheet Search
  English  ▼

X  

P89C669FA Datasheet(PDF) 13 Page - NXP Semiconductors

Part # P89C669FA
Description  80C51 8-bit microcontroller family with extended memory 96 kB Flash with 2 kB RAM
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89C669FA Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button P89C669FA Datasheet HTML 9Page - NXP Semiconductors P89C669FA Datasheet HTML 10Page - NXP Semiconductors P89C669FA Datasheet HTML 11Page - NXP Semiconductors P89C669FA Datasheet HTML 12Page - NXP Semiconductors P89C669FA Datasheet HTML 13Page - NXP Semiconductors P89C669FA Datasheet HTML 14Page - NXP Semiconductors P89C669FA Datasheet HTML 15Page - NXP Semiconductors P89C669FA Datasheet HTML 16Page - NXP Semiconductors P89C669FA Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx
xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
Table 5:
Special function registers
Name
Description
SFR
addr.
Bit functions and addresses
Reset
value
MSB
LSB
Bit address E7
E6
E5
E4
E3
E2
E1
E0
ACC [1]
Accumulator
E0H
00H
AUXR [2]
Auxiliary Function Register
8EH
-
-
-
-
-
-
EXTRAM AO
00H[6]
AUXR1 [2]
Auxiliary Function Register 1
A2H
-
-
ENBOOT -
GF2
0
-
DPS
00H[6]
Bit address F7
F6
F5
F4
F3
F2
F1
F0
B [1]
B Register
F0H
00H
BRGCON [2] Baud Rate Generator Control
85H[3]
-
-
-
-
-
-
S0BRGS
BRGEN
00H[6]
BRGR0 [2][5]
Baud Rate Generator Rate LOW 86H[3]
00H
BRGR1 [2][5]
Baud Rate Generator Rate HIGH 87H[3]
00H[6]
CCAP0H [2]
Module 0 Capture HIGH
FAH
XXH
CCAP1H [2]
Module 1 Capture HIGH
FBH
XXH
CCAP2H [2]
Module 2 Capture HIGH
FCH
XXH
CCAP3H [2]
Module 3 Capture HIGH
FDH
XXH
CCAP4H [2]
Module 4 Capture HIGH
FEH
XXH
CCAP0L [2]
Module 0 Capture LOW
EAH
XXH
CCAP1L [2]
Module 1 Capture LOW
EBH
XXH
CCAP2L [2]
Module 2 Capture LOW
ECH
XXH
CCAP3L [2]
Module 3 Capture LOW
EDH
XXH
CCAP4L [2]
Module 4 Capture LOW
EEH
XXH
CCAPM0 [2]
Module 0 Mode
DAH
-
ECOM_0
CAPP_0
CAPN_0
MAT_0
TOG_0
PWM_0
ECCF_0
00H[6]
CCAPM1 [2]
Module 1 Mode
DBH
-
ECOM_1
CAPP_1
CAPN_1
MAT_1
TOG_1
PWM_1
ECCF_1
00H[6]
CCAPM2 [2]
Module 2 Mode
DCH
-
ECOM_2
CAPP_2
CAPN_2
MAT_2
TOG_2
PWM_2
ECCF_2
00H[6]
CCAPM3 [2]
Module 3 Mode
DDH
-
ECOM_3
CAPP_3
CAPN_3
MAT_3
TOG_3
PWM_3
ECCF_3
00H[6]
CCAPM4 [2]
Module 4 Mode
DEH
-
ECOM_4
CAPP_4
CAPN_4
MAT_4
TOG_4
PWM_4
ECCF_4
00H[6]
Bit address DF
DE
DD
DC
DB
DA
D9
D8
CCON [1] [2]
PCA Counter Control
D8H
CF
CR
-
CCF4
CCF3
CCF2
CCF1
CCF0
00H[6]
CH [2]
PCA Counter HIGH
F9H
00H
CL [2]
PCA Counter LOW
E9H
00H
CMOD [2]
PCA Counter Mode
D9H
CIDL
WDTE
-
-
-
CPS1
CPS0
ECF
00H[6]
DPTR
Data Pointer (2 bytes)
00H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com