Electronic Components Datasheet Search
  English  ▼

X  

P89C669FA Datasheet(PDF) 18 Page - NXP Semiconductors

Part # P89C669FA
Description  80C51 8-bit microcontroller family with extended memory 96 kB Flash with 2 kB RAM
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89C669FA Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button P89C669FA Datasheet HTML 14Page - NXP Semiconductors P89C669FA Datasheet HTML 15Page - NXP Semiconductors P89C669FA Datasheet HTML 16Page - NXP Semiconductors P89C669FA Datasheet HTML 17Page - NXP Semiconductors P89C669FA Datasheet HTML 18Page - NXP Semiconductors P89C669FA Datasheet HTML 19Page - NXP Semiconductors P89C669FA Datasheet HTML 20Page - NXP Semiconductors P89C669FA Datasheet HTML 21Page - NXP Semiconductors P89C669FA Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
Philips Semiconductors
P89C669
80C51 8-bit microcontroller family with extended memory
Product data
Rev. 02 — 13 November 2003
18 of 33
9397 750 12299
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
9.
Static characteristics
[1]
Typical ratings are not guaranteed. The values listed are at room temperature (+25 ˚C), 5 V, unless otherwise stated.
[2]
Capacitive loading on ports 0 and 2 may cause spurious noise to be superimposed on the VOL of ALE and ports 1, 3 and 4. The noise is
due to external bus capacitance discharging into the Port 0 and Port 2 pins when these pins make 1-to-0 transitions during bus
operations. In the worst cases (capacitive loading >100 pF), the noise pulse on the ALE pin may exceed 0.8 V. In such cases, it may be
desirable to qualify ALE with a Schmitt Trigger, or use an address latch with a Schmitt Trigger STROBE input. IOL can exceed these
conditions provided that no single output sinks more than 5 mA and no more than two outputs exceed the test conditions.
[3]
Capacitive loading on ports 0 and 2 may cause the VOH on ALE and PSEN to momentarily fall below the VDD − 0.7 V specification when
the address bits are stabilizing.
[4]
Pins of ports 1, 2, 3 and 4 source a transition current when they are being externally driven from ‘1’ to ‘0’. The transition current reaches
its maximum value when VIN is approximately 2 V for 4.5 V < VDD < 5.5 V.
[5]
See Figure 10 through Figure 13 for ICC test conditions. fosc is the oscillator frequency in MHz.
[6]
This value applies to Tamb =0 °C to +70 °C.
[7]
Load capacitance for port 0, ALE, and PSEN = 100 pF, load capacitance for all other outputs = 80 pF.
[8]
Under steady state (non-transient) conditions, IOL must be externally limited as follows:
a) Maximum IOL per port pin: 15 mA
b) Maximum IOL per 8-bit port: 26 mA
Table 8:
DC electrical characteristics
Tamb =0 °Cto +70 °C for commercial, unless otherwise specified; VDD = 4.5 V to 5.5 V unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ[1]
Max
Unit
VIL
LOW-level input voltage
−0.5
-
0.2VDD − 0.1
V
VIH
HIGH-level input voltage
(ports 0, 1, 2, 3, 4, EA)
0.2VDD + 0.9 -
VDD + 0.5
V
VIH1
HIGH-level input voltage,
XTAL1, RST
0.7VDD
-VDD + 0.5
V
VOL
LOW-level output voltage,
ports 1, 2, 3, 4[8]
VDD = 4.5 V; IOL = 1.6 mA
-
-
0.4
V
VOL1
LOW-level output voltage,
port 0, ALE, PSEN[7][8]
VDD = 4.5 V; IOL = 3.2 mA
-
-
0.4
V
VOH
HIGH-level output voltage,
ports 1, 2, 3, 4
VDD = 4.5 V; IOH = −30 A
VDD − 0.7
-
-
V
VOH1
HIGH-level output voltage
(port 0 in external bus
mode), ALE[9], PSEN[3]
VDD = 4.5 V;
IOH = −3.2 mA
VDD − 0.7
-
-
V
IIL
Logical 0 input current,
ports 1, 2, 3, 4
VIN = 0.4 V
−1-
−75
µA
ITL
Logical 1-to-0 transition
current, ports 1, 2, 3, 4[8]
4.5 V < VDD < 5.5 V;
VIN = 2.0 V
[4]
--
−650
µA
IL1
Input leakage current, port 0
0.45 < VIN <VDD − 0.3
-
-
±10
µA
ICC
Power supply current
[5]
--
-
Active mode[5]
VDD = 5.5 V
-
-
7 + 2.7
× fosc[MHz]
mA
Idle mode[5]
-
-
4 + 1.3
× fosc[MHz]
mA
Power-down mode or clock
stopped (see Figure 13 for
conditions)
-
20
100
µA
RRST
Internal reset pull-down
resistor
40
-
225
k
Ω
C10
Pin capacitance[10]
(except EA)
-
-
15
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com