Electronic Components Datasheet Search
  English  ▼

X  

LM1290 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1290
Description  Autosync Horizontal Deflection Processor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1290 Datasheet(HTML) 7 Page - National Semiconductor (TI)

  LM1290 Datasheet HTML 1Page - National Semiconductor (TI) LM1290 Datasheet HTML 2Page - National Semiconductor (TI) LM1290 Datasheet HTML 3Page - National Semiconductor (TI) LM1290 Datasheet HTML 4Page - National Semiconductor (TI) LM1290 Datasheet HTML 5Page - National Semiconductor (TI) LM1290 Datasheet HTML 6Page - National Semiconductor (TI) LM1290 Datasheet HTML 7Page - National Semiconductor (TI) LM1290 Datasheet HTML 8Page - National Semiconductor (TI) LM1290 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Application Hints
1.
Phase Control for Geometry Correction: Pin 10
(PHASE) is designed to control static phase (picture
horizontal position) as well as dynamic phase for geom-
etry correction. Complete control of static and dynamic
phase can be achieved by superposing a correction
waveform (Sawtooth and/or parabola) on the DC control
voltage at pin 10 (see
Figure 12).
2.
Programmable Frequency Ramping: H frequency
transitions from high to low present a special problem for
deflection output stages without current limiting. If, dur-
ing such a transition, the output transistor on-time in-
creases excessively before the B+ voltage has de-
creased to its final level, then the deflection inductor
current ramps too high and the induced flyback pulse
can exceed the breakdown voltage, BV
CEX, of the output
transistor. To prevent this, the rate of change of the VCO
frequency must be limited.
Consider a scanning mode transition at t = 0 from f
1 to f2.
The VCO frequency as a function of time, f
VCO(t), is de-
scribed by the equation,
fVCO(t) ≅ f 1 +(f 2 − f 1) (1 – exp (−t /τ)),
where
τ = 40x103 xC
FVC.
The above equation can be used to predict VCO behav-
ior during frequency transitions, but in practice the value
of C
FVC is most easily determined empirically. In general,
large values minimize the chance of exceeding BV
CEX,
but generate long PLL capture times.
3. Phase Voltage Range vs Delay Time: The recom-
mended phase voltage range to use on pin 10 (PHASE)
depends on the delay time of the deflection output stage.
Delay time is defined as the time from the rising edge of
H Drive to the center of flyback. For best performance
the phase voltage range should be in the unshaded area
of
Figure 11.
Recommended Phase Voltage for 640 x 480 @ 60 Hz
DS012917-11
FIGURE 11.
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com