Electronic Components Datasheet Search
  English  ▼

X  

LM1290 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1290
Description  Autosync Horizontal Deflection Processor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1290 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM1290 Datasheet HTML 1Page - National Semiconductor (TI) LM1290 Datasheet HTML 2Page - National Semiconductor (TI) LM1290 Datasheet HTML 3Page - National Semiconductor (TI) LM1290 Datasheet HTML 4Page - National Semiconductor (TI) LM1290 Datasheet HTML 5Page - National Semiconductor (TI) LM1290 Datasheet HTML 6Page - National Semiconductor (TI) LM1290 Datasheet HTML 7Page - National Semiconductor (TI) LM1290 Datasheet HTML 8Page - National Semiconductor (TI) LM1290 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Absolute Maximum Ratings (Notes 1, 3)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
CC)
15V
Input Voltage (V
DC)
Pin 1
8V
Pins 3, 4, 5, 6
V
CC
Pin 10
1.0V < V
DC < 7.5V
Pin 12
10V
Output Sink Current, Pin 7
130 mA
Power Dissipation (P
D)
(Above 25˚C, derate based on
θ
JA
and T
J)
1.65W
Thermal Resistance (
θ
JA)
75˚C/W
Junction Temperature (T
J)
150˚C
ESD Susceptibility (Note 5)
3.5 kV
Storage Temperature
−65˚C to +150˚C
Lead Temperature
(Soldering 10 seconds)
265˚C
Operating Ratings (Note 2)
Operating Temperature Range
−20˚C to +80˚C
Supply Voltage
10.8V
≤ V
CC ≤ 13.2V
Electrical Characteristics
See Test Circuit (
Figure 2);T
A = 25˚C; VCC = 12V; V5 = 0V unless otherwise stated.
Parameter
Condition
Typical
Limit
Units
(Note 6)
(Note 7)
Supply Current (Pin 14)
Pin 3 and Pin 7 Open Circuit,
30
40
mA (max)
Pin 1 = −100 µA
Minimum Capture Frequency
H Sync Duty Cycle = 10%;
10
22
kHz (max)
Maximum Capture Frequency
Pin 1 (f
MIN) Open
115
110
kHz (min)
H/HV SYNC Input (Pin 3)
High Level
2.2
V (min)
Threshold Voltage
Low Level
0.8
V (max)
H/HV SYNC Input (Pin 3)
26
24
%
Maximum Sync Tip Duty Cycle
H/HV SYNC Input (Pin 3)
f
H = 22 kHz
5
%
Minimum Sync Tip Duty Cycle
H/HV POLARITY (Pin 2)
C
POL = 0.1 µF; IOL = +1 µA
0.05
0.4
V (max)
Low Level Output Voltage, V
OL
H/HV POLARITY (Pin 2)
C
POL = 0.1 µF; IOL = −1 µA
4.5
4
V (min)
High Level Output Voltage, V
OH
FVC Gain
22 kHz
≤ f
H ≤ 110 kHz
0.055
V/kHz
VCO Gain
22 kHz
≤ f
VCO ≤ 110 kHz
18.2
kHz/V
Phase Detector 1 Gain
H Sync Duty Cycle = 10%:
µA/radian
f
H = 110 kHz
120
f
H = 60 kHz
80
f
H = 22 kHz
30
Phase Detector 1 Output Impedance
20
k
Ω
(Pin 12)
Phase Detector 1 Leakage Current +
H/HV SYNC Input Grounded
0.3
2
µA
VCO Bias Current (Pin 12)
Jitter
f
H = 110 kHz (Note 8)
0.9
ns p-p
f
H = 90 kHz
1.1
f
H = 60 kHz
1.6
f
H = 31 kHz
3.6
f
H = 22 kHz
5.8
Free Run Frequency Variation
I
1 = −225 µA
32
34
kHz (max)
26
25
kHz (min)
H Drive Phase Control Gain
V
10 = 2V to 6V (Note 11)
8.89
% T
H/V
(32)
(˚/V)
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com