Electronic Components Datasheet Search
  English  ▼

X  

LM1295 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1295
Description  DC Controlled Geometry Correction System for Continuous Sync Monitors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1295 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM1295 Datasheet HTML 1Page - National Semiconductor (TI) LM1295 Datasheet HTML 2Page - National Semiconductor (TI) LM1295 Datasheet HTML 3Page - National Semiconductor (TI) LM1295 Datasheet HTML 4Page - National Semiconductor (TI) LM1295 Datasheet HTML 5Page - National Semiconductor (TI) LM1295 Datasheet HTML 6Page - National Semiconductor (TI) LM1295 Datasheet HTML 7Page - National Semiconductor (TI) LM1295 Datasheet HTML 8Page - National Semiconductor (TI) LM1295 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
LM1295
DC Controlled Geometry Correction System for
Continuous Sync Monitors
General Description
The LM1295 is specifically designed for use in a continuous
sync monitor. The injection-locked vertical oscillator oper-
ates from 50 Hz to 170 Hz, covering all known video moni-
tors. A differential output current is provided in order to pre-
vent ground interaction.
The IC provides two outputs composed of the summation of
DC controlled 1st and 2nd order output terms. The first out-
put corrects for EW pincushion and trapezoid. The second
corrects for parallelogram and bow.
A DC controlled output is provided for vertical dynamic focus
correction.
The IC is packaged in a 24-pin narrow DIP package and op-
erates on a single 12V power supply.
Features
n Vertical scanning frequency 50 Hz–170 Hz
n DC controlled correction term amplitudes
n Up to 125 kHz bandwidth for dynamic input signals
n Minimum external parts count
n Multiple IC connection for convergence applications
flexibility
n Stable vertical amplitude over temperature
n Compatible with the LM1291 Horizontal PLL in a H/V
system
n Dynamic vertical deflection correction for second anode
high voltage drop
n Both positive and negative going correction signals
Connection Diagram
DS012324-1
FIGURE 1. Order Number LM1295N
See NS Package Number N24C
April 1999
© 1999 National Semiconductor Corporation
DS012324
www.national.com


Similar Part No. - LM1295

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM129 NSC-LM129 Datasheet
165Kb / 10P
Precision Reference
logo
Linear Technology
LM129 LINER-LM129 Datasheet
179Kb / 4P
6.9V Precision Voltage Reference
LM129 LINER-LM129 Datasheet
125Kb / 4P
6.9V Precision Voltage Reference
LM129 LINER-LM129 Datasheet
166Kb / 8P
6.9V Precision Voltage Reference
logo
National Semiconductor ...
LM1290 NSC-LM1290 Datasheet
176Kb / 9P
Autosync Horizontal Deflection Processor
More results

Similar Description - LM1295

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1291 NSC-LM1291 Datasheet
205Kb / 12P
Video PLL System for Continuous-Sync Monitors
LM1292 NSC-LM1292 Datasheet
217Kb / 10P
Video PLL System for Continuous-Sync Monitors
LM1296 NSC-LM1296 Datasheet
236Kb / 10P
Raster Geometry Correction System for Multi-Frequency Displays
logo
STMicroelectronics
STV9306 STMICROELECTRONICS-STV9306 Datasheet
89Kb / 12P
BUS CONTROLLED VERTICAL DEFLECTION SYSTEM WITH EAST/WEST CORRECTION OUTPUT CIRCUIT
05-Mar-2012
TDA8176 STMICROELECTRONICS-TDA8176 Datasheet
94Kb / 5P
TV VERTICAL DEFLECTION SYSTEM FOR TV AND MONITORS
Nov-1992
logo
TEMIC Semiconductors
U2203B TEMIC-U2203B Datasheet
106Kb / 7P
RGB Video Amplifier System for Monitors
logo
Sanyo Semicon Device
LC7070N SANYO-LC7070N Datasheet
195Kb / 8P
Sync and Error Detection & Correction LSIs for RDS
logo
NXP Semiconductors
TDA4810 PHILIPS-TDA4810 Datasheet
968Kb / 14P
SYNC PROCESSOR AND HORIZONTAL DRIVE FOR MONITORS
May 1991
logo
Asahi Kasei Microsystem...
AK2345 AKM-AK2345 Datasheet
1Mb / 27P
CTCSS(Continuous Tone Controlled Squelch System
logo
Sanken electric
SSC2001S SANKEN-SSC2001S Datasheet
213Kb / 8P
Power Factor Correction Continuous Conduction Mode Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com