Electronic Components Datasheet Search
  English  ▼

X  

LM1295 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1295
Description  DC Controlled Geometry Correction System for Continuous Sync Monitors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1295 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM1295 Datasheet HTML 1Page - National Semiconductor (TI) LM1295 Datasheet HTML 2Page - National Semiconductor (TI) LM1295 Datasheet HTML 3Page - National Semiconductor (TI) LM1295 Datasheet HTML 4Page - National Semiconductor (TI) LM1295 Datasheet HTML 5Page - National Semiconductor (TI) LM1295 Datasheet HTML 6Page - National Semiconductor (TI) LM1295 Datasheet HTML 7Page - National Semiconductor (TI) LM1295 Datasheet HTML 8Page - National Semiconductor (TI) LM1295 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Absolute Maximum Ratings (Notes 1, 3)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage
15V
Input Voltage
(DC, pins 2, 4, 6, 10, 11, 12, 13, 15)
5V
Input Voltage (AC, Pin 4)
5 V
PP
Power Dissipation (Note 4)
(Above 25˚C Derate Based on
θ
JA and TJ)
1.8W
Thermal Resistance (
θ
JA)
70˚C/W
Junction Temperature (T
J)
150˚C
ESD Susceptibility (Note 5)
1.8 kV
Storage Temperature
−65˚C to +150˚C
Lead Temperature (Soldering, 10 sec.)
265˚C
Operating Ratings (Note 2)
Operating Temperature Range
−20˚C to +80˚C
Supply Voltage (V
CC)
10.8V
≤ V
CC ≤ 13.2V
Input Voltage
(DC, pins 2, 4, 6, 10, 11, 12,
13, 15)
4V
Input Voltage
(AC, pin 4)
4 V
PP
Electrical Characteristics
See Test Circuit (
Figure 2); T
A = 25˚C; VCC = 12V.
Symbol
Parameter
Conditions
Typical
(Note 6)
Limit
(Note 7)
Units
I
CC
Supply Current
All Control Inputs = 3V
25
35
mA
(max)
V
REF
Internal Ref Voltage at Pin 8
8.2
V
R
IN
Input Resistance
Pins 6, 10–13, 15
50
30
k
Ω
(min)
F
FR
Free-Run Frequency
45
Hz
F
max
Maximum Frequency
170
Hz
Cntlbw
Control Inputs Bandwidth
Pins 6, 10–13, 15
125
kHz
V
HTS
Vertical Height Temperature
Stability
V Height = 4V, V Dyn Height = 3V,
F = 100 Hz, T
A = 0˚C to 70˚C (Note 9)
1
%
V
DIFF
Vertical Differential Output Current
V Height = 4V, V Dyn Height = 4V,
Pin 24 Minus Pin 23
1
mA(min)
V
SYNH
V Sync High Input Voltage
2.4
V(min)
V
SYNL
V Sync Low Input Voltage
0.8
V
(max)
V
CMRR
Vertical Output CMRR
V
O = 1V to 4V, V Height = 2V,
V Dyn Height = 3V
30
dB
V
PSRR
Vertical Output PSSR
V
CC = 10.8V to 13.2V, V Height = 2V,
V Dyn Height = 3V
30
dB
V
OP-P
Vertical Peak Output Voltage
R
L = 10k
65
V
PP
(min)
V
RERR
Vertical Ramp Distortion
(Note 8) V Height = 4V,
V Dyn Height = 3V
1
%
V
SOERR
Vertical Parabola Distortion
(Note 9) V Height = 2.2V, F = 100 Hz,
V Dyn Height = 3V
8
%
CR
FO
First Order (Ramp) Correction,
H Dyn Cntr (Pin 14)
Pin 12 = 0V
Pin 12 = 4V
V Dyn Height = 3V, V Height = 4V,
Parabola Nulled
2.50
2.25
V
PP
CR
FO
First Order (Ramp) Correction,
H Dyn Width (Pin 19)
Pin 11 = 0V
Pin 11 = 4V
V Dyn Height = 3V, V Height = 4V,
Parabola Nulled
0.85
0.75
V
PP
CP
SO
Parabola Correction Range,
H Dyn Cntr (Pin 14),
H Dyn Width (Pin 9),
V Dyn Focus (Pin 16)
Pins 10, 13, 15 = 0V
Pins 10, 13, 15 = 4V
V Dyn Height = 3V, V Height = 4V,
Ramp Nulled for H Dyn Cntr and H Dyn
Width
1.2
1.0
V
PP
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com