Electronic Components Datasheet Search
  English  ▼

X  

RACD04 Datasheet(PDF) 1 Page - Recom International Power

Part # RACD04
Description  low Standby Power, ErP conform
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RACD04 Datasheet(HTML) 1 Page - Recom International Power

  RACD04 Datasheet HTML 1Page - Recom International Power RACD04 Datasheet HTML 2Page - Recom International Power RACD04 Datasheet HTML 3Page - Recom International Power RACD04 Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
L-1
REV.: 0/2016
www.recom-power.com
4 Watt
Constant
Current Single
Output
AC/DC Converter
Features
LED
Driver
• 4W AC-DC Class II LED Power Supply
• 350mA to 700mA Constant Current Outputs
• Fully Protected (OLP, SCP, OCP, OTP)
• low Standby Power, ErP conform
• IP65 (suitable for dry and damp locations)
• low cost
• CE, CB, ENEC, CSA and UL8750 certified.
• Wired connections for independent or built-in use
RACD04
UL8750 Certified
CSA C22.2 No. 250.13 Certified
IEC62384 Certified
EN55015 Compliant
CB Report
Description
These constant current LED drivers have been designed for cost-sensitive applications. The SELV
outputs are suitable for built-in power-supply LED luminaires. Their low profile design allows them
to be invisibly built into furniture, discreetly mounted under shelves or integrated in space-restricted
applications such as coving lighting, strip lighting or troffer lighting systems. The power supplies are
short circuit and overload protected and come with a full 3-year warranty.
Selection Guide
Part
nom. Input
Input
Output
Output
Efficiency
Output
Number
Voltage
Current
Voltage Range
Current
typ.
Power max.
[VAC]
[mA]
[VDC]
[mA]
[%]
[W]
RACD04-350
115/230
100
3-12
350
77
4.2
RACD04-500
115/230
100
3-8
500
75
4
RACD04-700
115/230
100
3-6
700
72
4.2
3 YEAR
warranty
3
BASIC CHARACTERISTICS
Parameter
Condition
Min.
Typ.
Max.
Input Voltage Range
90VAC
230VAC
264VAC
Inrush Current
10A
Open Circuit Voltage
350mA
500mA
700mA
16VDC
12VDC
9VDC
Start-up Time
500ms
Input Frequency Range
47Hz
63Hz
No Load Power Consumption
0.5W
Power Factor
full load, 230VAC
0.40
Internal Operating Frequency
full load
64kHz
Output Ripple Current (1)
350mA
500mA; 700mA
80mAp-p
90mAp-p
Specifications (measured @ ta= 25°C, 240VAC and rated load)
All LED Drivers may not be used without a load. They must be switched on the primary side only.
Noncompliance may damage the LED or reduce its lifetime.
REGULATIONS
Parameter
Condition
Value
Output Current Accuracy
±5% max.
Line Regulation
5% max.
Load Regulation
5% max.
PROTECTION
Parameter
Condition
Value
Input Overcurrent Protection
internal
0.22
W fusible resistor
Open Circuit Protection (OCP)
auto recovery after fault condition is removed
continued on next page
Notes:
Note1:
Measured at 20MHz BW using 0.1µF & 47µF parallel capacitor.
ERP
compliant


Similar Part No. - RACD04

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RACD03 RECOM-RACD03 Datasheet
93Kb / 2P
3W Class II AC-DC LED Power Supply
RACD03-350 RECOM-RACD03-350 Datasheet
93Kb / 2P
3W Class II AC-DC LED Power Supply
RACD03-350-PSE RECOM-RACD03-350-PSE Datasheet
809Kb / 4P
3 Watt CC/CV Single Output
RACD03-500 RECOM-RACD03-500 Datasheet
93Kb / 2P
3W Class II AC-DC LED Power Supply
RACD03-500-PSE RECOM-RACD03-500-PSE Datasheet
809Kb / 4P
3 Watt CC/CV Single Output
More results

Similar Description - RACD04

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1225 ONSEMI-NCP1225 Datasheet
44Kb / 6P
Low Standby Power SMPS Controller
November, 2003 ??Rev. P0
logo
Rochester Electronics
CA3078 ROCHESTER-CA3078 Datasheet
595Kb / 6P
Micropower Operational Amplifier Low Standby Power
logo
Fairchild Semiconductor
FAN6863WTY FAIRCHILD-FAN6863WTY Datasheet
1Mb / 16P
Low Standby Power: Under 0.1W
logo
Holt Integrated Circuit...
HI-1590 HOLTIC-HI-1590 Datasheet
1Mb / 16P
CMOS technology for low standby power
logo
Power Mate Technology C...
MAD40 P-DUKE-MAD40 Datasheet
2Mb / 5P
0.11 WATT LOW STANDBY POWER CONSUMPTION
logo
Recom International Pow...
RACV04 RECOM-RACV04 Datasheet
1Mb / 4P
low Standby Power, ErP conform
logo
Micross Components
AS5C2568 MICROSS-AS5C2568 Datasheet
217Kb / 17P
Low power standby
logo
MORNSUN Science& Techno...
LO10-26D0512-04L MORNSUN-LO10-26D0512-04L Datasheet
947Kb / 4P
Low ripple & noise, Low standby power consumption
LO15-26D1305-03 MORNSUN-LO15-26D1305-03 Datasheet
1Mb / 4P
Low ripple & noise, Low standby power consumption
logo
Diodes Incorporated
AL1788 DIODES-AL1788 Datasheet
398Kb / 13P
LOW STANDBY POWER PFC CONTROLLER
Rev 1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com