Electronic Components Datasheet Search
  English  ▼

X  

RACD04 Datasheet(PDF) 2 Page - Recom International Power

Part # RACD04
Description  low Standby Power, ErP conform
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RACD04 Datasheet(HTML) 2 Page - Recom International Power

  RACD04 Datasheet HTML 1Page - Recom International Power RACD04 Datasheet HTML 2Page - Recom International Power RACD04 Datasheet HTML 3Page - Recom International Power RACD04 Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Over Load Protection (OLP)
auto recovery after fault condition is removed
Over Voltage Protection (OVP)
auto recovery after fault condition is removed
Over Temperature Protection (OTP)
110°C Tcase
auto recovery after fault condition is removed
Isolation Voltage
I/P to O/P
3.75kVAC / 1 minute
Isolation Resistance
100M
W
AC/DC Converter
L-2
REV.: 0/2016
www.recom-power.com
Specifications (measured @ ta= 25°C, 240VAC and rated load)
RACD04
Series
ENVIRONMENTAL
Parameter
Condition
Value
Operating Temperature Range
-20°C to +50°C, Ambient
Maximum Case Temperature
+79°C
Operating Altitude
2000m
Operating Humidity
5% to 85% RH, non condensing
IP Rating
IP65
Pollution Degree
PD2
Design Lifetime
30 x 10³ hours
Derating Graph
-20
60
50
40
30
20
10
0
-10
0
20
40
60
80
100
Ambient Temperature [°C]
Maximum loading of automatic circuit breakers
Circuit Breaker
Circuit Breaker Current
Typ
10A
16A
20A
25A
C
54
118
148
184
Circuit Breaker
Circuit Breaker Current
Typ
10A
16A
20A
25A
B
17
28
35
44
C
27
59
74
92
@ 115VAC, 1Ohm, 90° phase angle and max. load
@ 230VAC, 1Ohm, 90° phase angle and max. load
SAFETY AND CERTIFICATIONS
Certificate Type
Report Number
Standard
ETL Standard for LED Equipment for use in Lighting Products
160428123GZU-001
UL8750, 2nd Edition, 2015
LED Equipment for Lighting Applications
CSA C22.2 No. 250.13, 2014
Lamp Controlgear General Requirments for Safety (CB Scheme)
307649 + 307650
IEC61347-1, 2nd Edition, 2012
EN61347-1, 2nd Edition, 2013
Lamp Controlgear Particular Requirements (CB Scheme)
IEC/EN61347-2-13, 2nd Edition, 2014
D.C. or A.C. Controlgears for LED Performance Requirements (ENEC)
307649-1 + 307650-1
IEC/EN62384, 1st Edition, 2009
RoHS 2.1
LCS1606201548R
RoHS-2011/65/EU + AM-2015/863
continued on next page



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com