Electronic Components Datasheet Search
  English  ▼

X  

SMR3D Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SMR3D
Description  Bulk Metal Foil Technology Precision Molded Surface Mount Resistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SMR3D Datasheet(HTML) 2 Page - Vishay Siliconix

  SMR3D Datasheet HTML 1Page - Vishay Siliconix SMR3D Datasheet HTML 2Page - Vishay Siliconix SMR3D Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
For technical questions in the Americas, contact foilsupport1@vishay.com
For technical questions in Asia/Japan/Europe/Africa/Israel, contact foilsupport2@vishay.com
www.vishay.com
21
SMR3D
Vishay Foil Resistors
Document Number: 63021
Revision 16-Aug-04
• ISRAEL: foilsales.israel@vishay.com
• FRANCE/SWITZERLAND/SOUTHERN EUROPE: foilsales.eusouth@vishay.com
• AMERICAS: foilsales.usa@vishay.com
• ASIA/JAPAN: foilsales.asia@vishay.com • UK/HOLLAND/SCANDANAVIA: foilsales.eunorth@vishay.com • GERMANY/CZECH REPUBLIC/AUSTRIA: foilsales.eucentral@vishay.com
SALES
TEST
CONDITIONS
MAXIMUM LIMIT
Resistance Range
5Ω to 80KΩ
TCR
0°C to + 25°C
+ 25°C to + 60°C
See Figure 1
– 55 to + 25°C
+ 25°C to + 125°C
5Ω to 30K
above 30K
Rated Power
0.6 watts @ 70°C
0.4 watts
See Figure 2, Previous page
0.3 watts @ 125°C
0.2 watts
Maximum Working Voltage
300 Volts
Maximum Operating Temperature
+ 125°C
Working Temperature Range
– 65 to + 125°C
Thermal Shock
– 65°C to + 175°C; 30 minutes; 5 cycles
± 0.01%
Overload
2.5 x Rated Voltage; 5 Seconds
± 0.01%
Low Temperature Operation
– 65°C; 45 minutes @ Rated Power
± 0.01%
Dielectric Withstanding Voltage
Atmospheric Pressure; AC 200 V; 1 minute
± 0.01%
Insulation Resistance (M
Ω)
DC 100 V; 1 minute
over 10,000
Resistance to Soldering Heat (%)
+ 260°C; 10 seconds
± 0.03%, ± 0.01% Typical
Moisture Resistance
+ 65°C to – 10°C; 90 to 98% RH; Rated Power; 240 hours
± 0.05%
Shock
100 G; Sawtooth
± 0.01%
Vibration, High Frequency
10~ 2,000~ 10 Hz; 20 G; X, Y, Z each 2.5 hours
± 0.01%
Load Life Stability
0.3 watts @ + 125°C
2,000 hours
± 0.015%
Order of Magnitude better
0.6 watts @ + 70°C
2,000 hours
± 0.015%
than Thin Film Technology
0.1 watts @ + 70°C
2,000 hours
± 0.005%
High Temperature Exposure
+ 175°C; No Load 2,000 hours
± 0.05%
Shelf Life
15 to 35°C; 15 to 75% RH; No Load; 10,000 hours
± 0.0025% (1 year) ± 0.005% (3 years)
Weight
0.244 Grams
Packaging
Bulk (Loose) or Tape & Reel, per EIA-481-1
Bulk Metal
® Foil Technology
Precision Molded Surface Mount Resistor
TABLE 2 - MODEL SMR3D SPECIFICATIONS



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com