Electronic Components Datasheet Search
  English  ▼

X  

SMR3D Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SMR3D
Description  Bulk Metal Foil Technology Precision Molded Surface Mount Resistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SMR3D Datasheet(HTML) 3 Page - Vishay Siliconix

  SMR3D Datasheet HTML 1Page - Vishay Siliconix SMR3D Datasheet HTML 2Page - Vishay Siliconix SMR3D Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
For technical questions in the Americas, contact foilsupport1@vishay.com
For technical questions in Asia/Japan/Europe/Africa/Israel, contact foilsupport2@vishay.com
Document Number: 63021
Revision 16-Aug-04
www.vishay.com
22
SMR3D
Vishay Foil Resistors
• ISRAEL: foilsales.israel@vishay.com
• FRANCE/SWITZERLAND/SOUTHERN EUROPE: foilsales.eusouth@vishay.com
• AMERICAS: foilsales.usa@vishay.com
• ASIA/JAPAN: foilsales.asia@vishay.com • UK/HOLLAND/SCANDANAVIA: foilsales.eunorth@vishay.com • GERMANY/CZECH REPUBLIC/AUSTRIA: foilsales.eucentral@vishay.com
SALES
TH Minimum
Side View
Stand Off
W
Bottom View
L
P
P
Top View
80K00T80
(DATE CODE)
End View
H
TW
MODEL
L
W
H
P
TW
TH (MINIMUM)
SMR3D
0.287 ± 0.012
0.170 ± 0.012
0.110 ± 0.012
0.051 ± 0.012
0.095 ± 0.004
0.039
(7.3 ± 0.30)
(4.3 ± 0.30)
(2.8 ± 0.30)
(1.3 ± 0.30)
(2.4 ± 0.10)
(1.0)
V
FIGURE 3 - MODEL SMR3D DIMENSIONS in inches (millimeters)
Bulk Metal
® Foil Technology
Precision Molded Surface Mount Resistor
METHOD
A
B
C
D
E
METHOD
A
B
C
D
E
MINIMUM
REF
REF
± 0.04 (± 1.0)
REF
MINIMUM
REF
REF
± 0.04 (± 1.0)
REF
Wave
0.066
0.106
0.175
0.388
0.050
Reflow
0.118
0.106
0.175
0.388
0.050
(1.68)
(2.70)
(4.45)
(9.85)
(1.28)
(3.00)
(2.70)
(4.45)
(9.85)
(1.28)
Per IPC-SM-782 Rev A
FIGURE 4 - RECOMMENDED MOUNTING PAD GEOMETRIES in inches (millimeters)
E
A
C
B
D
Wave Solder Pads
E
A
C
B
D
Reflow Solder Pads
RESISTANCE VALUE
MODEL
RESISTANCE
LETTER
MULTIPLIER
TOLERANCE
TERMINATION
PACKAGING
RANGE
DESIGNATOR
FACTOR
SMRC3D
T = ± 0.01%
S - Lead (Pb)-free
T = Tape and Reel
5Ω to <1KΩ
R
x 1.0
Q = ± 0.02%
B - Tin/Lead
B = Bulk Pack
Example: 249R00 - 249Ω
A = ± 0.05%
B = ± 0.1%
1K to 80KΩ
Kx 103
C = ± 0.25%
Example: 80K000 = 80KΩ
D = ± 0.5%
F = ± 1.0%
TABLE 2 - ORDERING INFORMATION



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com