Electronic Components Datasheet Search
  English  ▼

X  

TUSB8020B Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB8020B
Description  Two-Port USB 3.0 Hub
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB8020B Datasheet(HTML) 21 Page - Texas Instruments

Back Button TUSB8020B Datasheet HTML 17Page - Texas Instruments TUSB8020B Datasheet HTML 18Page - Texas Instruments TUSB8020B Datasheet HTML 19Page - Texas Instruments TUSB8020B Datasheet HTML 20Page - Texas Instruments TUSB8020B Datasheet HTML 21Page - Texas Instruments TUSB8020B Datasheet HTML 22Page - Texas Instruments TUSB8020B Datasheet HTML 23Page - Texas Instruments TUSB8020B Datasheet HTML 24Page - Texas Instruments TUSB8020B Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
TUSB8020B
www.ti.com
SLLSEF6A – JULY 2014 – REVISED JULY 2014
8.5.1.12 UUID Registers (offset = 10h to 1Fh)
Figure 14. Register Offset 10h to 1Fh
7
6
5
4
3
2
1
0
X
X
X
X
X
X
X
X
R
R
R
R
R
R
R
R
LEGEND: R/W = Read/Write; R = Read only; –n = value after reset
Table 15. Bit Descriptions – UUID Byte N Register
Bit
Field Name
Access
Reset
Description
UUID byte N. The UUID returned in the Container ID descriptor. The value of this register
7:0
uuidByte[n]
RO
is provided by the device and is meets the UUID requirements of Internet Engineering
Task Force (IETF) RFC 4122 A UUID URN Namespace.
8.5.1.13 Language ID LSB Register (offset = 20h)
Figure 15. Register Offset 20h
7
6
5
4
3
2
1
0
0
0
0
0
1
0
0
1
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
LEGEND: R/W = Read/Write; R = Read only; –n = value after reset
Table 16. Bit Descriptions – Language ID LSB Register
Bit
Field Name
Access
Reset
Description
Language ID least significant byte. This register contains the value returned in the
LSB of the LANGID code in string index 0. The TUSB8020B only supports one
7:0
langIdLsb
RW
language ID. The default value of this register is 09h representing the LSB of the
LangID 0409h indicating English United States. When customStrings is 1, this field
may be overwritten by the contents of an attached EEPROM or by an SMBus host.
8.5.1.14 Language ID MSB Register (offset = 21h)
Figure 16. Register Offset 21h
7
6
5
4
3
2
1
0
0
0
0
0
0
1
0
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
LEGEND: R/W = Read/Write; R = Read only; –n = value after reset
Table 17. Bit Descriptions – Language ID MSB Register
Bit
Field Name
Access
Reset
Description
Language ID most significant byte. This register contains the value returned in the MSB of
the LANGID code in string index 0. The TUSB8020B only supports one language ID. The
default value of this register is 04h representing the MSB of the LangID 0409h indicating
7:0
langIdMsb
RO/RW
English United States.
When customStrings is 1, this field may be overwritten by the contents of an attached
EEPROM or by an SMBus host.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: TUSB8020B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com