Electronic Components Datasheet Search
  English  ▼

X  

TUSB8020B Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB8020B
Description  Two-Port USB 3.0 Hub
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB8020B Datasheet(HTML) 32 Page - Texas Instruments

Back Button TUSB8020B Datasheet HTML 28Page - Texas Instruments TUSB8020B Datasheet HTML 29Page - Texas Instruments TUSB8020B Datasheet HTML 30Page - Texas Instruments TUSB8020B Datasheet HTML 31Page - Texas Instruments TUSB8020B Datasheet HTML 32Page - Texas Instruments TUSB8020B Datasheet HTML 33Page - Texas Instruments TUSB8020B Datasheet HTML 34Page - Texas Instruments TUSB8020B Datasheet HTML 35Page - Texas Instruments TUSB8020B Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 43 page
background image
TUSB8020B
SLLSEF6A – JULY 2014 – REVISED JULY 2014
www.ti.com
11 Layout
11.1 Layout Guidelines
11.1.1 Placement
1. A 9.53-k
Ω ±1% resistor connected to terminal USB_R1 should be placed as close as possible to the
TUSB8020B.
2. A 0.1-µF capacitor should be placed as close as possible on each VDD and VDD33 power pin.
3. The 100-nF capacitors on the SSTXP and SSTXM nets should be placed close to the USB connector (type
A, type B, and so forth).
4. The ESD and EMI protection devices (if used) should also be placed as possible to the USB connector.
5. If a crystal is used, it must be placed as close as possible to the TUSB8020B device’s XI and XO terminals.
6. Place voltage regulators as far away as possible from the TUSB8020B, crystal, and differential pairs.
7. In general, the large bulk capacitors associated with each power rail should be placed as close as possible to
the voltage regulators.
11.1.2 Package Specific
1. The TUSB8020B package has a 0.5-mm pin pitch.
2. The TUSB8020B package has a 3.6-mm × 3.6-mm thermal pad. This thermal pad must be connected to
ground through a system of vias.
3. All vias under device, except for those connected to thermal pad, should be solder masked to avoid potential
issues with thermal pad layouts.
11.1.3 Differential Pairs
This section describes the layout recommendations for all of the TUSB8020B differential pairs: USB_DP_XX,
USB_DM_XX, USB_SSTXP_XX, USB_SSTXM_XX, USB_SSRXP_XX, and USB_SSRXM_XX.
•
Must be designed with a differential impedance of 90
Ω ±10%.
•
To minimize crosstalk, TI recommends to keep high-speed signals away from each other. Each pair should
be separated by at least 5× the signal trace width. Separating with ground as depicted in the layout example
also helps minimize crosstalk.
•
Route all differential pairs on the same layer adjacent to a solid ground plane.
•
Do not route differential pairs over any plane split.
•
Adding test points causes impedance discontinuity, and therefore, negatively impacts signal performance. If
test points are used, they should be placed in series and symmetrically. They must not be placed in a manner
that causes stub on the differential pair.
•
Avoid 90° turns in trace. The use of bends in differential traces should be kept to a minimum. When bends
are used, the number of left and right bends should be as equal as possible and the angle of the bend should
be
≥135°. Taking this action minimizes any length mismatch caused by the bends, and therefore, minimizes
the impact bends have on EMI.
•
Minimize the trace lengths of the differential pair traces. Eight inches is the maximum recommended trace
length for SS differential-pair signals and USB 2.0 differential-pair signals. Longer trace lengths require very
careful routing to assure proper signal integrity.
•
Match the etch lengths of the differential pair traces (that is DP and DM or SSRXP and SSRXM or SSTXP
and SSTXM). There should be less than 5-mils difference between a SS differential-pair signal and its
complement. The USB 2.0 differential pairs should not exceed 50-mils relative trace length difference.
•
The etch lengths of the differential pair groups do not need to match (that is the length of the SSRX pair to
that of the SSTX pair), but all trace lengths should be minimized.
•
Minimize the use of vias in the differential-pair paths as much as possible. If this is not practical, ensure that
the same via type and placement are used for both signals in a pair. Any vias used should be placed as close
as possible to the TUSB8020B device.
•
To ease routing, the polarity of the SS differential pairs can be swapped. This means that SSTXP can be
routed to SSTXM or SSRXM can be routed to SSRXP.
•
Do not place power fuses across the differential-pair traces.
32
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: TUSB8020B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com