Electronic Components Datasheet Search
  English  ▼

X  

TUSB8020BPHPR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB8020BPHPR
Description  Two-Port USB 3.0 Hub
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB8020BPHPR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TUSB8020BPHPR Datasheet HTML 7Page - Texas Instruments TUSB8020BPHPR Datasheet HTML 8Page - Texas Instruments TUSB8020BPHPR Datasheet HTML 9Page - Texas Instruments TUSB8020BPHPR Datasheet HTML 10Page - Texas Instruments TUSB8020BPHPR Datasheet HTML 11Page - Texas Instruments TUSB8020BPHPR Datasheet HTML 12Page - Texas Instruments TUSB8020BPHPR Datasheet HTML 13Page - Texas Instruments TUSB8020BPHPR Datasheet HTML 14Page - Texas Instruments TUSB8020BPHPR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
TUSB8020B
www.ti.com
SLLSEF6A – JULY 2014 – REVISED JULY 2014
Feature Description (continued)
The battery charging mode for each port depends on the state of Reg_6h(batEn[n]), the status of the VBUS
input, and the state of REG_Ah(autoModeEnz) upstream port, as identified in Table 1. Battery charging can also
be enabled through the PWRCTL1/BATEN1 and PWRCTL2/BATEN2 pins.
Table 1. TUSB8020B Battery Charging Modes
BC Mode Port x
batEn[n]
VBUS
autoModeEnz
(x = n + 1)
0
Don’t care
Don’t care
Don’t care
0
Automode(1) (2)
<4 V
1
1
DCP(3) (4)
>4 V
1
CDP(3)
(1)
Auto-mode automatically selects divider-mode or DCP mode.
(2)
Divider mode can be configured for high-current mode through register or OTP settings.
(3)
USB device is USB Battery Charging Specification Revision 1.2 Compliant
(4)
USB device is Chinese Telecommunications Industry Standard YD/T 1591-2009
8.3.2 USB Power Management
The TUSB8020B can be configured for power switched applications using either per-port or ganged power-
enable controls and over-current status inputs.
Power switch support is enabled by REG_5h(fullPwrMgmtz) and the per-port or ganged mode is configured by
REG_5h(ganged). It can also be enabled through the FULLPWRMGMTz pin. Also ganged or individual control
can be controlled by the GANGED pin.
The TUSB8020B supports both active-high and active-low power-enable controls. The PWRCTL[2:1] polarity is
configured by REG_Ah(pwrctlPol). The polarity can also be configured by the PWRCTL_POL pin.
8.3.3 One-Time Programmable (OTP) Configuration
The TUSB8020B allows device configuration through OTP non-volatile memory (OTP). The programming of the
OTP is supported using vendor-defined USB device requests. For details using the OTP features, contact your TI
representative.
Table 2 provides a list features which may be configured using the OTP. The bit field section in Table 2 shows
which features can be controlled by OTP ROM. The bits not listed in the table are not accessible by the OTP
ROM.
Table 2. OTP Configurable Features
CONFIGURATION REGISTER OFFSET
BIT FIELD
DESCRIPTION
REG_01h
[7:0]
Vendor ID LSB
REG_02h
[7:0]
Vendor ID MSB
REG_03h
[7:0]
Product ID LSB
REG_04h
[7:0]
Product ID MSB
Port removable configuration for downstream ports 1. OTP configuration is
inverse of rmbl[1:0], that is:
REG_07h
[0]
1 = Not removable
0 = Removable
Port removable configuration for downstream ports 2. OTP configuration is
inverse of rmbl[1:0], that is:
REG_07h
[1]
1 = Not removable
0 = Removable
REG_0Ah
[1]
Automode enable
REG_0Ah
[4]
High-current divider mode enable.
REG_F2h
[3:1]
USB power switch power-on delay.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TUSB8020B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com