Electronic Components Datasheet Search
  English  ▼

X  

P-2000 Datasheet(PDF) 2 Page - Copal Electronics

Part # P-2000
Description  PRESSURE TRANSDUCERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

P-2000 Datasheet(HTML) 2 Page - Copal Electronics

  P-2000 Datasheet HTML 1Page - Copal Electronics P-2000 Datasheet HTML 2Page - Copal Electronics P-2000 Datasheet HTML 3Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
P-2000
PRESSURE TRANSDUCERS
STANDARD SPECIFICATIONS
ENVIRONMENTAL CHARACTERISTICS
Item
Pressure reference
Rated pressure range
Maximum pressure
Break-down pressure
Operating temp. range
Compensated temp. range
Storage temp.
Operating humidity
Thermal error
(Reference temp.: 25 °C)
Excitation current
Offset voltage
Span voltage
Bridge resistance
Linearity/Hysteresis
Pressure medium
Insulation resistance
Dielectric strength
Pressure port
Response
Net weight
Model number
P-2000
101G
501G
102G
352G
502G
702G
103G
Gauge
9.81
49.0
98.1
343
490
686
981
{0.1}
{0.5}
{1.0}
{3.5}
{5}
{7}
{10.0}
19.6
98.1
196
686
981
1373
1471
{0.2}
{1.0}
{2.0}
{7.0}
{10}
{14}
{15.0}
49.0
245
490
1030
1471
1961
1961
{0.5}
{2.5}
{5}
{10.5}
{15}
{20}
{20}
Non-corrosive gases
Approx. 1
± 20
± 15
50
± 20
90
± 30
Approx. 1
3300
± 30 %
1.5Constant current
100 (500 V DC)
500 V AC, 60 sLeakage current 1 mA maximum
φ 3.2
0 ~ 50
35 ~ 85No condensation
− 20 ~ 80Atmospheric pressure, humidity 65 %RH maximum
− 20 ~ 80
± 0.3
± 0.15
± 0.12
± 0.05
± 0.04
kPa {kgf/cm2}
kPa {kgf/cm2}
kPa {kgf/cm2}
°C
°C
%RH
°C
ZERO %F.S./°C
%F.S.
SPAN %F.S./°C
mA DC
mV
mV
Ω
M
Ω
minimum
mm
ms
g
※P-2000 series can be operated at the vacuum pressure.
Test item
Test conditions (At 25
± 5 °C)
Permissible change
Vibration
10 ~ 500 Hz, 1.5 mm maximum/98.1 m/s2,
3 directions for 2 hours each
981 m/s2, 3 directions for 3 times each
0 ~ Rated pressure, 106 cycles
40 °C, 90 ~ 95 %RH, 240 hrs.
Offset voltage/Span voltage:
±1 %F.S. maximum each
Shock
Pressure cycling
Moisture resistance
Unless otherwise specified, the specs are defined at an ambient temperature of 25±5 °C and excitation current of 1.5 mA DC.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com