Electronic Components Datasheet Search
  English  ▼

X  

P-2000 Datasheet(PDF) 3 Page - Copal Electronics

Part # P-2000
Description  PRESSURE TRANSDUCERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

P-2000 Datasheet(HTML) 3 Page - Copal Electronics

  P-2000 Datasheet HTML 1Page - Copal Electronics P-2000 Datasheet HTML 2Page - Copal Electronics P-2000 Datasheet HTML 3Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
P-2000
PRESSURE TRANSDUCERS
INTERNAL ELECTRICAL SCHEMATICS
TERMINAL NUMBER
OUTLINE DIMENSIONS
Unless otherwise specified, tolerance :
± 0.3 (Unit: mm)
BN type
AN type
Pin
Connection
1
Output
C
2
Input
B
3
Input
C
4
Output
B
5
Input
C
6
Input
B
12
Pressure port
R1
7.3
5.2
30.5
Vent hole
Pressure range marking
1.2
φ
12
7.3
5.2
Vent hole
Pressure range marking
3.50.5
Pressure port
1.2
φ
3
5
4
1
2
6
R
(+)
(+)
(–)
(–)
R : Built-in chip resistor for
temp. compensation
Output



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com