Electronic Components Datasheet Search
  English  ▼

X  

ST7MC1 Datasheet(PDF) 250 Page - STMicroelectronics

Part # ST7MC1
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1 Datasheet(HTML) 250 Page - STMicroelectronics

Back Button ST7MC1 Datasheet HTML 246Page - STMicroelectronics ST7MC1 Datasheet HTML 247Page - STMicroelectronics ST7MC1 Datasheet HTML 248Page - STMicroelectronics ST7MC1 Datasheet HTML 249Page - STMicroelectronics ST7MC1 Datasheet HTML 250Page - STMicroelectronics ST7MC1 Datasheet HTML 251Page - STMicroelectronics ST7MC1 Datasheet HTML 252Page - STMicroelectronics ST7MC1 Datasheet HTML 253Page - STMicroelectronics ST7MC1 Datasheet HTML 254Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 250 / 308 page
background image
ST7MC1/ST7MC2
250/308
OPERATING CONDITIONS (Cont’d)
12.3.2 Operating Conditions with Low Voltage Detector (LVD)
Subject to general operating conditions for VDD, fOSC, and TA.
Notes:
1. Data based on characterization results, not tested in production.
12.3.3 Auxiliary Voltage Detector (AVD) Thresholds
Subject to general operating condition for VDD, fOSC, and TA.
Notes:
1. Data based on characterization results, not tested in production.
2. See “MAXIMUM VALUES OF AVD THRESHOLDS” on page 303..
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIT+(LVD)
Reset release threshold
(VDD rise)
3.90
4.20
4.50
V
VIT-(LVD)
Reset generation threshold
(VDD fall)
3.80
4.00
4.35
Vhys(LVD)
LVD voltage threshold hysteresis
VIT+(LVD)-VIT-(LVD)
200
mV
VtPOR
VDD rise time rate
1)
20
µs/V
100
ms/V
tg(VDD)
Width of filtered glitches on VDD
1)
(which are not detected by the LVD)
40
ns
Symbol
Parameter
Conditions
Min
Typ
Max2)
Unit
VIT+(AVD)
1
⇒0 AVDF flag toggle threshold
(VDD rise)
4.35
4.70
4.90
V
VIT-(AVD)
0
⇒1 AVDF flag toggle threshold
(VDD fall)
4.20
4.50
4.70
Vhyst(AVD) AVD voltage threshold hysteresis
1)
VIT+(AVD)-VIT-(AVD)
200
mV
∆V
IT-
Voltage drop between AVD flag set
and LVD reset activated)
VIT-(AVD)-VIT-(LVD)
450
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com