Electronic Components Datasheet Search
  English  ▼

X  

ST7MC1 Datasheet(PDF) 251 Page - STMicroelectronics

Part # ST7MC1
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1 Datasheet(HTML) 251 Page - STMicroelectronics

Back Button ST7MC1 Datasheet HTML 247Page - STMicroelectronics ST7MC1 Datasheet HTML 248Page - STMicroelectronics ST7MC1 Datasheet HTML 249Page - STMicroelectronics ST7MC1 Datasheet HTML 250Page - STMicroelectronics ST7MC1 Datasheet HTML 251Page - STMicroelectronics ST7MC1 Datasheet HTML 252Page - STMicroelectronics ST7MC1 Datasheet HTML 253Page - STMicroelectronics ST7MC1 Datasheet HTML 254Page - STMicroelectronics ST7MC1 Datasheet HTML 255Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 251 / 308 page
background image
ST7MC1/ST7MC2
251/308
12.4 SUPPLY CURRENT CHARACTERISTICS
The following current consumption specified for the ST7 functional operating modes over temperature
range does not take into account the clock source current consumption. To get the total device consump-
tion, the two current values must be added (except for HALT mode for which the clock is stopped).
12.4.1 RUN and SLOW Modes (Flash devices)
Figure 131. Typical IDD in RUN vs. fCPU
Figure 132. Typical IDD in SLOW vs. fCPU
Notes:
1. Data based on characterization results, tested in production at VDD max. and fCPU max.
2. Measurements are done in the following conditions:
- Program executed from RAM, CPU running with RAM access. The increase in consumption when executing from Flash
is 50%.
- All I/O pins in input mode with a static value at VDD or VSS (no load)
- All peripherals in reset state.
- LVD disabled.
- Clock input (OSC1) driven by external square wave.
- In SLOW and SLOW WAIT mode, fCPU is based on fOSC divided by 32.
To obtain the total current consumption of the device, add the clock source (Section 12.5.3) and the peripheral power
consumption.
Symbol
Parameter
Conditions
Typ
Max 1)
Unit
IDD
Supply current in RUN mode 2)
(see Figure 131)
fOSC=16MHz, fCPU=8MHz
12
18
mA
Supply current in SLOW mode 2)
(see Figure 132)
fOSC=16MHz, fCPU=500kHz
5
8
mA
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
0123
456
78
Fcpu Mhz
0.0
0.5
1.0
1.5
2.0
2.5
3.0
01
23
45
67
8
Fcpu Mhz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com