Electronic Components Datasheet Search
  English  ▼

X  

LT3922EUFD Datasheet(PDF) 13 Page - Linear Integrated Systems

Part # LT3922EUFD
Description  36V, 2A Synchronous Step-Up LED Driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT3922EUFD Datasheet(HTML) 13 Page - Linear Integrated Systems

Back Button LT3922EUFD Datasheet HTML 9Page - Linear Integrated Systems LT3922EUFD Datasheet HTML 10Page - Linear Integrated Systems LT3922EUFD Datasheet HTML 11Page - Linear Integrated Systems LT3922EUFD Datasheet HTML 12Page - Linear Integrated Systems LT3922EUFD Datasheet HTML 13Page - Linear Integrated Systems LT3922EUFD Datasheet HTML 14Page - Linear Integrated Systems LT3922EUFD Datasheet HTML 15Page - Linear Integrated Systems LT3922EUFD Datasheet HTML 16Page - Linear Integrated Systems LT3922EUFD Datasheet HTML 17Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
LT3922
13
3922f
For more information www.linear.com/LT3922
operaTion
The LT3922 is a step-up LED driver that utilizes a fixed-
frequency peak current control to accurately regulate the
current through a string of LEDs. It includes two power
switches, their drivers, and a diode for providing power
to the top switch driver. The switches connect an external
inductor at the SW pin alternately to the ground and then
to the output (VOUT). The inductor current rises and falls
accordingly and the peak current can be regulated by
adjusting the duty ratio of the power switches through
the combined effect of the other circuit blocks.
The synchronous controller ensures the power switches
do not conduct at the same time, and a programmable
oscillator turns on the bottom switch at the beginning of
each switching cycle. The frequency of this oscillator is set
by an external resistor at the RT pin and can be overrid-
den by external pulses at the SYNC/SPRD pin. The SYNC/
SPRD pin can also be used to command spread spectrum
frequencymodulation(SSFM),whichreducesradiatedand
conducted electromagnetic interference (EMI).
The bottom switch is turned off by the peak current com-
parator which waits during the on-time for the increasing
inductor current to exceed the target set by the voltage
at the VC pin. This target is modified by a signal from the
oscillatorwhichstabilizestheinductorcurrent.Anetworkof
passive components at the VC pin is necessary to stabilize
this regulation loop.
The target for the inductor current is derived from the
desired LED current programmed by the voltage at the
CTRL pin. The analog-to-digital detector and the control
buffer convert either a DC voltage or duty cycle of pulses
at the CTRL pin into the input for the current regulation
amplifier. The other input to this amplifier comes from
the ISP and ISN pin voltages. An external current sense
resistorbetweenthesepinsshouldbeplacedinserieswith
the string of LEDs such that the voltage across it provides
the feedback to regulate the LED current. The current
regulation amplifier then compares the actual LED current
to the desired LED current and adjusts VC as necessary.
The voltage regulation amplifier overrides the current
regulation amplifier when the FB pin voltage is higher than
an internal 1.2V reference. An external resistor network
from the LED string to the FB pin provides an indication
of the LED string voltage and allows the voltage amplifier
to prevent overvoltage of the LED string.
The ISP, ISN, and FB pin voltages are also monitored to
detect fault conditions like open and short circuits, which
are then reported by pulling FAULT pin low. The response
to a fault can be selected either to try hiccup restarts or to
latchoff by the choice of an external resistor connected to
the SS pin. Refer to the Applications Information section
for a detailed explanation of fault responses.
Finally, pulse-width modulation (PWM) of the LED current
is achieved by turning on and off an external PMOS switch
between the VOUTandthestringofLEDs.Anexternalpulse
at the PWM pin controls the state of the PWM driver or
a DC voltage at the PWM pin dictates the duty ratio of an
internal PWM pulse, whose frequency is programmed
with an external resistor at the RP pin. After each pulse,
when the PMOS switch opens, the LT3922 preserves the
voltages of the capacitors at VC and VOUT to ensure a rapid
recovery for the next pulse.
applicaTions inForMaTion
The following is a guide to selecting the external com-
ponents and configuring the LT3922 according to the
requirements of an application.
Programming LED Current with the CTRL Pin
The primary function of the LT3922 is to regulate the cur-
rent in a string of LEDs. This current should pass through
a series current sense resistor. The voltage across this
resistor is sensed by the current regulation amplifier
through the ISP and ISN pins and regulated to a level pro-
grammed by the CTRL pin. The maximum resistor voltage
that can be programmed is 100mV which corresponds to
1A through the LED string when a 100mΩ current sense
resistor is used.
To allow for this maximum current, the CTRL pin may
be connected directly to the VREF pin which provides



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com