Electronic Components Datasheet Search
  English  ▼

X  

LT3922EUFD Datasheet(PDF) 3 Page - Linear Integrated Systems

Part # LT3922EUFD
Description  36V, 2A Synchronous Step-Up LED Driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT3922EUFD Datasheet(HTML) 3 Page - Linear Integrated Systems

  LT3922EUFD Datasheet HTML 1Page - Linear Integrated Systems LT3922EUFD Datasheet HTML 2Page - Linear Integrated Systems LT3922EUFD Datasheet HTML 3Page - Linear Integrated Systems LT3922EUFD Datasheet HTML 4Page - Linear Integrated Systems LT3922EUFD Datasheet HTML 5Page - Linear Integrated Systems LT3922EUFD Datasheet HTML 6Page - Linear Integrated Systems LT3922EUFD Datasheet HTML 7Page - Linear Integrated Systems LT3922EUFD Datasheet HTML 8Page - Linear Integrated Systems LT3922EUFD Datasheet HTML 9Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
LT3922
3
3922f
For more information www.linear.com/LT3922
elecTrical characTerisTics
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Reference
VREF Voltage
IVREF = 0µA
IVREF = 500µA
l
1.97
1.985
2
2
2.03
2.015
V
V
VREF Pin Current Limit
VREF = 0V, Current Out of Pin
3.2
mA
LED Current Regulation
CTRL-Off Threshold (Falling)
l
200
210
220
mV
CTRL-Off Rising Hysteresis
15
mV
CTRL Pin Current
VCTRL = 2V
−100
100
nA
Sense Voltage (VISP−VISN)
(Analog Input)
VCTRL = 2V (100%), VISP = 24V
VCTRL = 0.75V (50%), VISP = 24V
VCTRL = 0.3V (5%), VISP = 24V
l
l
l
98
48.5
4
100
50
5
102
51.5
6
mV
mV
mV
ISP Pin Current
VISP = 24.1V, VISN = 24V, VCTRL = 2V
75
µA
ISN Pin Current
VISP = 24.1V, VISN = 24V , VCTRL = 2V
75
µA
Current Error Amplifier Transconductance
VISP = 24V
140
µA/V
Duty Cycle Control of LED Current
Sense Voltage (VISP−VISN)
(Duty Cycle Input)
CTRL Duty = 75% (100%), VISP = 24V
CTRL Duty = 37.5% (50%), VISP = 24V
CTRL Duty = 15% (5%), VISP = 24V
99
49
4
100
50
5
101
51
6
mV
mV
mV
CTRL Pulse Input High (VIH)
1.6
V
CTRL Pulse Input Low (VIL)
0.4
V
CTRL Pulse Input Frequency Range
10
200
kHz
Voltage Regulation
FB Regulation Voltage
VCTRL = 2V
l
1.175
1.200
1.225
V
FB Pin Current
FB in Regulation
−100
100
nA
Voltage Error Amplifier Transconductance
1000
µA/V
INTVCC Regulator
INTVCC Voltage
2.7
3
3.3
V
INTVCC Pin Current Limit
VINTVCC = 0V, Current Out of Pin
20
mA
Power Stage
Peak Current Limit
2.0
2.3
2.6
A
Bottom Switch Minimum Off-Time
l
15
25
35
ns
Bottom Switch On-Resistance
140
mΩ
Top Switch On-Resistance
155
mΩ
Oscillator
Programmed Switching Frequency (fSW)
RT = 45.3k, VSYNC/SPRD = 0V
RT = 499k, VSYNC/SPRD = 0V
l
l
1880
175
2000
210
2120
245
kHz
kHz
Spread Spectrum Frequency Range
RT = 45.3k, VSYNC/SPRD = 3V
RT = 499k, VSYNC/SPRD = 3V
1880
175
2650
306
kHz
kHz
RT Pin Current Limit
VRT = 0V, Current Out of Pin
75
µA
SYNC/SPRD Threshold (Rising)
1.4
1.5
V
SYNC/SPRD Falling Hysteresis
0.2
V
SYNC/SPRD Pin Current
VSYNC/SPRD = 5V
−100
100
nA
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C, VIN = 12V, VEN/UVLO = 2V unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com