Electronic Components Datasheet Search
  English  ▼

X  

LT3755 Datasheet(PDF) 16 Page - Linear Integrated Systems

Part # LT3755
Description  36V, 2A Synchronous Step-Up LED Driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT3755 Datasheet(HTML) 16 Page - Linear Integrated Systems

Back Button LT3755 Datasheet HTML 12Page - Linear Integrated Systems LT3755 Datasheet HTML 13Page - Linear Integrated Systems LT3755 Datasheet HTML 14Page - Linear Integrated Systems LT3755 Datasheet HTML 15Page - Linear Integrated Systems LT3755 Datasheet HTML 16Page - Linear Integrated Systems LT3755 Datasheet HTML 17Page - Linear Integrated Systems LT3755 Datasheet HTML 18Page - Linear Integrated Systems LT3755 Datasheet HTML 19Page - Linear Integrated Systems LT3755 Datasheet HTML 20Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
LT3922
16
3922f
For more information www.linear.com/LT3922
applicaTions inForMaTion
Using this equation gives an inductance of about 2µH as-
suming 90% efficiency for the given conditions.
With this minimum inductor value guideline, choose an
inductor with low core loss and low DC resistance. In-
ductor must be able to handle the peak inductor current
without saturation. To minimize the radiated noise, use a
shielded inductor. The manufacturers featured in Table 2
are recommended sources of inductors.
Table 2. Inductor Manufacturers
MANUFACTURER
WEBSITE
Wurth Electronics
www.we-online.com
Coilcraft
www.coilcraft.com
Vishay Intertechnology
www.vishay.com
Selecting an Input Capacitor
The input capacitor supplies the inductor ripple current
and the transient current that occurs in PWM dimming
operations. A 10µF ceramic capacitor should be sufficient
to provide these non-steady state currents. Place the
input capacitor close to the inductor. If possible, place
an additional 1µF ceramic capacitor close to the VIN pin
for better noise immunity. Use X7R ceramic capacitors
as they typically retain their capacitance better than other
capacitortypesoverwidevoltageandtemperatureranges.
If the input power source has high impedance, or there
is significant inductance due to long wires or cables, ad-
ditional bulk electrolytic capacitance may be necessary.
A low ESRlow ESR ceramic input capacitor combined
with parasitic inductances in the current paths can form a
high-Q LC tank circuit which can ring the capacitor voltage
up to twice the input voltage. A higher ESR electrolytic
capacitor, on the other hand, minimizes this ringing. Refer
to the Linear Technology Application Note 88 for more
information. Sources of quality ceramic and electrolytic
capacitors are listed in Table 3.
Table 3. Capacitor Manufacturers
MANUFACTURER
WEBSITE
Murata Manufacturing
www.murata.com
Garrett Electronics
www.garrettelec.com
Panasonic
www.industrial.panasonic.com
Nippon Chemi-Con
www.chemi-con.co.jp
Stabilizing the Regulation Loop
The LT3922 uses internal error amplifiers to regulate the
LEDcurrentandtheoutputvoltagetotheuserprogrammed
values. The output impedance of the error amplifiers
and the external compensation capacitor, CC, connected
to VC pin create the dominant pole of the control loop.
The compensation resistor, RC, in series with CC forms
a left-half-plane (LHP) zero. This LHP zero allows better
regulation of LED current and output voltage during tran-
sient operations. For most LED applications, 1nF and 10k
would be good starting values for CC and RC, respectively.
Refer to the Linear Technology Application Note 76 for
more information.
Selecting and Placing Output Capacitors
The output capacitors need to have very low ESR to reduce
the output ripple. Placing several low ESR ceramic capaci-
tors in parallel is an effective way to reduce ESR. These
output capacitors in a boost converter should have a ripple
current rating greater than the half of the maximum SW
pin current. Use X7R ceramic capacitors as they typically
retain their capacitance better than other capacitor types
over wide voltage and temperature ranges.
The LT3922 utilizes a proprietary architecture to reduce
EMI noise generated by switching. To best utilize this
feature, VOUT should be bypassed with three capacitors.
Figure 5 shows the VOUT capacitor placements for the
QFN package. COUT1 and COUT2 are 0402-0.47µF ceramic
capacitors placed as close as possible to the LT3922’s
VOUT and GND pins. COUT3 should be larger in size and
value. A 1206-4.7µF ceramic capacitor is recommended
for typical applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com