Electronic Components Datasheet Search
  English  ▼

X  

LT3755 Datasheet(PDF) 18 Page - Linear Integrated Systems

Part # LT3755
Description  36V, 2A Synchronous Step-Up LED Driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT3755 Datasheet(HTML) 18 Page - Linear Integrated Systems

Back Button LT3755 Datasheet HTML 14Page - Linear Integrated Systems LT3755 Datasheet HTML 15Page - Linear Integrated Systems LT3755 Datasheet HTML 16Page - Linear Integrated Systems LT3755 Datasheet HTML 17Page - Linear Integrated Systems LT3755 Datasheet HTML 18Page - Linear Integrated Systems LT3755 Datasheet HTML 19Page - Linear Integrated Systems LT3755 Datasheet HTML 20Page - Linear Integrated Systems LT3755 Datasheet HTML 21Page - Linear Integrated Systems LT3755 Datasheet HTML 22Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
LT3922
18
3922f
For more information www.linear.com/LT3922
applicaTions inForMaTion
However, the LT3922 is capable of PWM dimming even
when an external PWM signal is not available. In this case,
an internal PWM signal with frequency set by a resistor at
the RP pin and duty ratio set by a DC voltage at the PWM
pin will control the PWMTG driver. The RP resistor should
be one of the seven values listed in Table 5. For each of
these values, the PWM frequency is a unique ratio of the
switching frequency.
Table 5. Internal PWM Dimming Frequencies
RP
RATIO
SWITCHING FREQUENCY
2MHz
1MHz
200kHz
28.7k
28
7.81kHz
3.91kHz
781Hz
47.5k
29
3.91kHz
1.95kHz
391Hz
76.8k
210
1.95kHz
977Hz
195Hz
118k
211
977Hz
488Hz
97.7Hz
169k
212
488Hz
244Hz
48.8Hz
237k
213
244Hz
122Hz
24.4Hz
332k
214
122Hz
61Hz
12.2Hz
When using the internal PWM signal, set the voltage at
the PWM pin between 1V and 2V. The PWMTG driver will
stay off if PWM is below 1V, and it will stay on if PWM
is above 2V. Between 1V and 2V there are 128 evenly
spaced thresholds corresponding to 128 discrete PWM
duty ratios from 0% to 100%. This range of 1V to 2V has
been chosen so that the PWM voltage may be set using
a potentiometer or a resistor network and the 2V refer-
ence available at the VREF pin. Place a small 1µF ceramic
capacitor near PWM pin to ground.
There are a couple of exceptions to the above rules for
PWM dimming. First, once initiated, the PWM on-time
will last at least four switching cycles regardless of the
signal at the PWM pin and the resistor at the RP pin. This
ensures that the current regulation loop has enough time
to reach equilibrium but still allows for a 5000:1 dimming
ratio when the external PWM frequency is 100Hz and the
switching frequency is 2MHz. Second, to avoid excessive
start-up times, after the first PWM pulse, PWMTG will stay
on until the SS pin voltage reaches 1.7V or the LED current
has reached approximately 10% of the full-scale current.
Figure 7. FB Resistor Configuration
Figure 6. ISMON Filter Configuration
PWM Dimming with Very Long Off Times
ToenhancePWMdimming,theVOUTandVCpinsaredriven
when the PWM pulse (internal or external) is at a logic low
to maintain the charge on the capacitors at those pins.
Consequently, when PWM returns to a logic high state,
the LED current can quickly reach the regulated level even
if PWM was low for a very long time.
Monitoring LED Current
TheISMONpinprovidesanamplifiedandbufferedmonitor
of the voltage between the ISP and ISN pins. The gain of
the internal amplifier is ten, and the speed is fast enough
to track the pulse-width modulated LED current. However,
as shown in Figure 6, the ISMON voltage can be filtered
with a resistor-capacitor network to monitor the average
LED current instead.
The resistor should be at least 10k. The capacitance can
be as large or small as needed without affecting the stabil-
ity of the internal amplifier. For example, when the PWM
frequency is 200Hz, a 10μF capacitor combined with the
10k resistor would limit the ripple on ISMON to 1%.
Selecting the FB Resistors
Tworesistorsshouldbeselectedtoformanetworkbetween
the output voltage and the FB pin as shown in Figure 7.
LT3922
3922 F06
ISMON
ISMON(FILTERED)
RMON
CMON
LT3922
3922 F07
FB
VOUT
RFB2
RFB1
VOUT(MAX) =1.2V • 1+
RFB2
RFB1





Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com