Electronic Components Datasheet Search
  English  ▼

X  

LT3063 Datasheet(PDF) 11 Page - Linear Integrated Systems

Part # LT3063
Description  Precision Dual Output, High Current, Low Noise, Voltage Reference
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT3063 Datasheet(HTML) 11 Page - Linear Integrated Systems

Back Button LT3063 Datasheet HTML 7Page - Linear Integrated Systems LT3063 Datasheet HTML 8Page - Linear Integrated Systems LT3063 Datasheet HTML 9Page - Linear Integrated Systems LT3063 Datasheet HTML 10Page - Linear Integrated Systems LT3063 Datasheet HTML 11Page - Linear Integrated Systems LT3063 Datasheet HTML 12Page - Linear Integrated Systems LT3063 Datasheet HTML 13Page - Linear Integrated Systems LT3063 Datasheet HTML 14Page - Linear Integrated Systems LT3063 Datasheet HTML 15Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
LT6658
11
6658f
For more information www.linear.com/LT6658
pin FuncTions
GND (Pins 1, 2, 6, Exposed Pad Pin 17): These pins are
themaingroundconnectionsandshouldbeconnectedinto
a star ground or ground plane. The exposed pad must be
soldered to ground for good electrical contact and rated
thermal performance.
BYPASS (Pin 3): Bypass Pin. This requires a 1μF capacitor
for bandgap stability.
DNC (Pin 4, 16): Do Not Connect. Keep leakage current
from these pins to a minimum.
NR (Pin 5): Noise Reduction Pin. To band limit the noise
of the reference, connect a capacitor between this pin and
ground. See Applications Information section.
VOUT2_S (Pin 7): VOUT2 Sense Pin. Connect this Kelvin
sense pin at the load.
VOUT2_F (Pin 8): VOUT2 Output Voltage. A 1μF to 50μF
output capacitor is required for stable operation. This
output can source up to 50mA.
OD (Pin 9): Output Disable. This active low input disables
both outputs.
VIN2 (Pin 10): Input Voltage Supply for Channel 2. Bypass
VIN2 with 0.1μF capacitor to ground. This pin supplies
power to buffer amplifier 2.
VIN1 (Pin 11): Input Voltage Supply for Channel 1. Bypass
VIN1 with 0.1μF capacitor to ground. This pin supplies
power to buffer amplifier 1.
VOUT1_F (Pin 12): VOUT1 Output Voltage. A 1μF to 50μF
output capacitor is required for stable operation. This
output can source up to 150mA.
VOUT1_S (Pin 13): VOUT1 Sense Pin. Connect this Kelvin
sense pin at the load.
VIN (Pin 14): Input Voltage Supply. Bypass VIN with 0.1μF
capacitor to ground.
NC (Pin 15): No Connect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com