Electronic Components Datasheet Search
  English  ▼

X  

LT3063 Datasheet(PDF) 13 Page - Linear Integrated Systems

Part # LT3063
Description  Precision Dual Output, High Current, Low Noise, Voltage Reference
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT3063 Datasheet(HTML) 13 Page - Linear Integrated Systems

Back Button LT3063 Datasheet HTML 9Page - Linear Integrated Systems LT3063 Datasheet HTML 10Page - Linear Integrated Systems LT3063 Datasheet HTML 11Page - Linear Integrated Systems LT3063 Datasheet HTML 12Page - Linear Integrated Systems LT3063 Datasheet HTML 13Page - Linear Integrated Systems LT3063 Datasheet HTML 14Page - Linear Integrated Systems LT3063 Datasheet HTML 15Page - Linear Integrated Systems LT3063 Datasheet HTML 16Page - Linear Integrated Systems LT3063 Datasheet HTML 17Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
LT6658
13
6658f
For more information www.linear.com/LT6658
The LT6658 combines the low noise and accuracy of a
high performance reference and the high current drive of
a regulator. The LT6658 is a high performance regula-
tor providing two precise low noise outputs with Kelvin
sense pins. The isolated outputs maintain their precision
even when large voltage or current transients exist on the
adjacent channel.
The LT6658 architecture consists of a low drift bandgap
reference followed by an optional noise reduction stage
and two independent buffers. The bandgap reference and
the buffers are trimmed for low drift and high accuracy.
The high gain buffers ensure outstanding line and load
regulation.
The guidance that follows describes how to reduce noise,
lower power consumption, generate different output
voltages, and maintain low drift. Also included are notes
on internal protection circuits, PCB layout, and expected
performance.
Supply Pins and Ground
The LT6658 can operate with a supply voltage from
VOUT + 2.5V,to36V.Toprovidedesignflexibility,theLT6658
includes 3 supply pins. The VIN pin supplies power to the
bandgap voltage reference. The VIN1 and VIN2 pins supply
power to buffer amplifiers 1 and 2, respectively. Figure 1
illustrates how current flows independently through each
of the output buffers. The simplest configuration is to
connect all three supply pins together. To reduce power
consumption or isolate the buffer amplifiers, separate the
supply pins and drive them with independent supplies.
SeparateVIN,VIN1andVIN2supplypinsisolatethebandgap
reference and the two outputs VOUT1_F and VOUT2_F from
each other. For example, a load current surge through
VIN1 to VOUT1_F is isolated from VOUT2_F and the bandgap
voltage reference. In Figure 2 a 140mA load current pulse
on buffer 1 and the resulting output waveforms are shown.
Despite the large current step on buffer 1, there is only a
small transient at the output of buffer 2. When providing
a stable voltage reference to quiet circuits like an ADC or
DAC, it is important the two buffer outputs are isolated.
applicaTions inForMaTion
To minimize power consumption each supply pin can
be operated with its minimum voltage. For example, if
Buffer 1 has a 2.5V output, VIN1 can be operated at 5V. If
Buffer 2’s output is run at 3V, run VIN2 at 5.5V. The power
savings gained by minimizing each supply voltage can be
considerable.
Excessivegroundcurrentandparasiticresistanceinground
linescandegradeloadregulation.UnlikeanLDO,theground
currentoftheLT6658isdesignedsuchthatgroundcurrent
does not increase substantially when sourcing a large load
current. All three ground pins and exposed pad should be
connected together on the PCB, through a ground plane
or through a separate trace terminating at a star ground.
The supply pins can be powered up in any order without
an adverse response. However, all three supplies pins
need the minimum specified voltage for proper operation.
LT6658-2.5
+–
+–
+–
6658 F01
INDICATES CURRENT FLOW
+
–
+
–
LOAD2
GND
GND
GND
LOAD1
THERMAL
SHUTDOWN
BANDGAP
VIN1 VIN2
VIN
VOUT1_F
VOUT2_F
14
11
10
1,2
17
6
8
12
Figure 1. LT6658 Current Flow through the Supply Pins
COUT1 = 10µF
COUT2 = 10µF
LOAD CURRENT
VOUT1
VOUT2
50µs/DIV
20mV/DIV
100mA/DIV
100µV/DIV
6658 F02
Figure 2. 10mA to 150mA Load Step on VOUT1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com