Electronic Components Datasheet Search
  English  ▼

X  

LTC4355 Datasheet(PDF) 5 Page - Linear Integrated Systems

Part # LTC4355
Description  18V Dual Input Micropower PowerPath Prioritizer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTC4355 Datasheet(HTML) 5 Page - Linear Integrated Systems

  LTC4355 Datasheet HTML 1Page - Linear Integrated Systems LTC4355 Datasheet HTML 2Page - Linear Integrated Systems LTC4355 Datasheet HTML 3Page - Linear Integrated Systems LTC4355 Datasheet HTML 4Page - Linear Integrated Systems LTC4355 Datasheet HTML 5Page - Linear Integrated Systems LTC4355 Datasheet HTML 6Page - Linear Integrated Systems LTC4355 Datasheet HTML 7Page - Linear Integrated Systems LTC4355 Datasheet HTML 8Page - Linear Integrated Systems LTC4355 Datasheet HTML 9Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LTC4419
5
4419f
For more information www.linear.com/LTC4419
Output Voltage and Current
Waveforms During Switchover
Output Current IOUT Response for
Different Shorting Impedances
Typical perForMance characTerisTics
Output Current Limit vs
Temperature
IOUT vs VOUT for Different Input
Supply Voltages
V1 Reverse Voltage Blocking with
V2 Powering OUT
Switchover from a Higher to a
Lower Voltage
Switch RON vs Temperature
OUT
10V
6V
10µs/DIV
V2
IOUT
0.5A/DIV
V1
2V/DIV
4419 G16
COUT = 10µF
C1 = C2 = 10µF
ILOAD = 50mA
5V
3.6V
2V
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
1
2
3
4
5
4419 G13
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
0.80
0.90
1.00
1.10
1.20
1.30
1.40
4419 G10
ILOAD = 50mA
6V
–10V
10V
20ms/DIV
V2
5V/DIV
V1
10V/DIV
IOUT
0.5A/DIV
4419 G17
OHMIC
CURRENT
LIMIT
FOLDBACK
VIN = 1.8V
VIN = 3.6V
VIN = 5V
VOUT (V)
0
1
2
3
4
5
0
0.2
0.4
0.6
0.8
1.0
1.2
4419 G12
COUT = 10µF
IOUT = 200mA
DISCONNECT FROM V1
CONNECT TO V2
3ms/DIV
V1
OUT
2V/DIV
V2
4419 G15
1.2Ω
2.2Ω
3.3Ω
3.9Ω
5.0Ω
40µs/DIV
0
0.5
1.0
1.5
2.0
2.5
3.0
4419 G11
(TA = 25°C, V1 = V2 = 3.6V unless otherwise indicated).
Freshness Seal Current
vs V2 Voltage and Temperature
V1 = 0V
1.8V
3.6V
5V
≥6V
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
0
50
100
150
200
250
4419 G14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com