Electronic Components Datasheet Search
  English  ▼

X  

LTC4355 Datasheet(PDF) 2 Page - Linear Integrated Systems

Part # LTC4355
Description  18V Dual Input Micropower PowerPath Prioritizer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTC4355 Datasheet(HTML) 2 Page - Linear Integrated Systems

  LTC4355 Datasheet HTML 1Page - Linear Integrated Systems LTC4355 Datasheet HTML 2Page - Linear Integrated Systems LTC4355 Datasheet HTML 3Page - Linear Integrated Systems LTC4355 Datasheet HTML 4Page - Linear Integrated Systems LTC4355 Datasheet HTML 5Page - Linear Integrated Systems LTC4355 Datasheet HTML 6Page - Linear Integrated Systems LTC4355 Datasheet HTML 7Page - Linear Integrated Systems LTC4355 Datasheet HTML 8Page - Linear Integrated Systems LTC4355 Datasheet HTML 9Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LTC4419
2
4419f
For more information www.linear.com/LTC4419
absoluTe MaxiMuM raTings
Input Supply Voltage
V1, V2 ......................................................–15V to 24V
OUT ....................................................... –0.3V to 24V
OUT – V2 .................................................–24V to 39V
OUT – V1 .................................................–24V to 39V
Input Voltages
ADJ, CMP1, CMP2 (Note 3) .................. –0.3V to 24V
Output Voltages
CMPOUT1, CMPOUT2, V2ON (Note 3) .. –0.3V to 24V
(Notes 1, 2)
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC4419CDD#PBF
LTC4419CDD#TRPBF
LGMS
10-Lead (3mm
× 3mm) Plastic DFN
0°C to 70°C
LTC4419IDD#PBF
LTC4419IDD#TRPBF
LGMS
10-Lead (3mm
× 3mm) Plastic DFN
–40°C to 85°C
LTC4419CMSE#PBF
LTC4419CMSE#TRPBF
4419
12-Lead Plastic Exposed Pad MSOP
0°C to 70°C
LTC4419IMSE#PBF
LTC4419IMSE#TRPBF
4419
12-Lead Plastic Exposed Pad MSOP
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/. Some packages are available in 500 unit reels through
designated sales channels with #TRMPBF suffix.
TOP VIEW
11
GND
DD PACKAGE
10-LEAD (3mm
× 3mm) PLASTIC DFN
10
9
6
7
8
4
5
3
2
1
V2
CMP2
OUT
V2ON
CMPOUT2
V1
CMP1
ADJ
GND
CMPOUT1
TJMAX = 125°C, θJA = 43°C/W
EXPOSED PAD (PIN 11) IS GND, MUST BE SOLDERED TO PCB
1
2
3
4
5
6
V1
NC
CMP1
ADJ
GND
CMPOUT1
12
11
10
9
8
7
V2
NC
CMP2
OUT
V2ON
CMPOUT2
TOP VIEW
13
GND
MSE PACKAGE
12-LEAD PLASTIC MSOP
TJMAX = 125°C, θJA = 40°C/W
EXPOSED PAD (PIN 13) IS GND, MUST BE SOLDERED TO PCB
pin conFiguraTion
Pin Currents (Note 2)
ADJ, CMP1, CMP2, CMPOUT1, CMPOUT2,
V2ON .................................................................–1mA
Operating Ambient Temperature Range
LTC4419C ................................................ 0°C to 70°C
LTC4419I .............................................–40°C to 85°C
Junction Temperature (Notes 4, 5)........................ 125°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec)
MSOP Package .................................................300°C
(http://www.linear.com/product/LTC4419#orderinfo)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com