Electronic Components Datasheet Search
  English  ▼

X  

LM211DG Datasheet(PDF) 2 Page - ON Semiconductor

Part # LM211DG
Description  Single Comparators
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM211DG Datasheet(HTML) 2 Page - ON Semiconductor

  LM211DG Datasheet HTML 1Page - ON Semiconductor LM211DG Datasheet HTML 2Page - ON Semiconductor LM211DG Datasheet HTML 3Page - ON Semiconductor LM211DG Datasheet HTML 4Page - ON Semiconductor LM211DG Datasheet HTML 5Page - ON Semiconductor LM211DG Datasheet HTML 6Page - ON Semiconductor LM211DG Datasheet HTML 7Page - ON Semiconductor LM211DG Datasheet HTML 8Page - ON Semiconductor LM211DG Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
LM211, LM311
http://onsemi.com
2
ORDERING INFORMATION
Device
Package
Shipping†
LM211DG
SOIC−8
(Pb−Free)
98 Units / Rail
LM211DR2G
2500 Units / Tape & Reel
LM311DG
98 Units / Rail
LM311DR2G
2500 Units / Tape & Reel
LM311NG
PDIP−8
(Pb−Free)
50 Units / Rail
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
MAXIMUM RATINGS (TA = +25°C, unless otherwise noted.)
Rating
Symbol
LM211
LM311
Unit
Total Supply Voltage
VCC +⎥VEE⎥
36
36
Vdc
Output to Negative Supply Voltage
VO −VEE
50
40
Vdc
Ground to Negative Supply Voltage
VEE
30
30
Vdc
Input Differential Voltage
VID
±30
±30
Vdc
Input Voltage (Note 2)
Vin
±15
±15
Vdc
Voltage at Strobe Pin
−
VCC to VCC−5
VCC to VCC−5
Vdc
Power Dissipation and Thermal Characteristics
Plastic DIP
PD
625
mW
Derate Above TA = +25°C
RqJA
5.0
mW/°C
Operating Ambient Temperature Range
TA
−25 to +85
0 to +70
°C
Operating Junction Temperature
TJ(max)
+150
+150
°C
Storage Temperature Range
Tstg
−65 to +150
−65 to +150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com