Electronic Components Datasheet Search
  English  ▼

X  

LM211DG Datasheet(PDF) 3 Page - ON Semiconductor

Part # LM211DG
Description  Single Comparators
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM211DG Datasheet(HTML) 3 Page - ON Semiconductor

  LM211DG Datasheet HTML 1Page - ON Semiconductor LM211DG Datasheet HTML 2Page - ON Semiconductor LM211DG Datasheet HTML 3Page - ON Semiconductor LM211DG Datasheet HTML 4Page - ON Semiconductor LM211DG Datasheet HTML 5Page - ON Semiconductor LM211DG Datasheet HTML 6Page - ON Semiconductor LM211DG Datasheet HTML 7Page - ON Semiconductor LM211DG Datasheet HTML 8Page - ON Semiconductor LM211DG Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
LM211, LM311
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (VCC = +15 V, VEE = −15 V, TA = 25°C, unless otherwise noted) Note 1
Characteristic
Symbol
LM211
LM311
Unit
Min
Typ
Max
Min
Typ
Max
Input Offset Voltage (Note 3)
VIO
mV
RS ≤ 50 kW, TA = +25°C
−
0.7
3.0
−
2.0
7.5
RS ≤ 50 kW, Tlow ≤ TA ≤ Thigh*
−
−
4.0
−
−
10
Input Offset Current (Note 3) TA = +25°C
IIO
−
1.7
10
−
1.7
50
nA
Tlow ≤ TA ≤ Thigh*
−
−
20
−
−
70
Input Bias Current TA = +25°C
IIB
−
45
100
−
45
250
nA
Tlow ≤ TA ≤ Thigh*
−
−
150
−
−
300
Voltage Gain
AV
40
200
−
40
200
−
V/mV
Response Time (Note 4)
−
200
−
−
200
−
ns
Saturation Voltage
VOL
V
VID ≤ −5.0 mV, IO = 50 mA, TA = 25°C
−
0.75
1.5
−
−
−
VID ≤−10 mV, IO = 50 mA, TA = 25°C
−
−
−
−
0.75
1.5
VCC ≥ 4.5 V, VEE = 0, Tlow ≤ TA ≤ Thigh*
VID 6≤6.0 mV, Isink ≤ 8.0 mA
−
0.23
0.4
−
−
−
VID 6≤10 mV, Isink ≤ 8.0 mA
−
−
−
−
0.23
0.4
Strobe ”On” Current (Note 5)
IS
−
3.0
−
−
3.0
−
mA
Output Leakage Current
VID ≥ 5.0 mV, VO= 35 V, TA = 25°C, Istrobe= 3.0 mA
−
0.2
10
−
−
−
nA
VID ≥ 10 mV, VO= 35 V, TA = 25°C, Istrobe= 3.0 mA
−
−
−
−
0.2
50
nA
VID ≥ 5.0 mV, VO= 35 V, Tlow ≤ TA ≤ Thigh*
−
0.1
0.5
−
−
−
mA
Input Voltage Range (Tlow ≤ TA ≤ Thigh*)
VICR
−14.5 −14.7
to
13.8
+13.0
−14.5 −14.7
to
13.8
+13.0
V
Positive Supply Current
ICC
−
+2.4
+6.0
−
+2.4
+7.5
mA
Negative Supply Current
IEE
−
−1.3
−5.0
−
−1.3
−5.0
mA
* LM211: Tlow = −25°C, Thigh = +85°C
LM311: Tlow = 0°C, Thigh = +70°C
1. Offset voltage, offset current and bias current specifications apply for a supply voltage range from a single 5.0 V supply up to ±15 V supplies.
2. This rating applies for ±15 V supplies. The positive input voltage limit is 30 V above the negative supply. The negative input voltage limit is
equal to the negative supply voltage or 30 V below the positive supply, whichever is less.
3. The offset voltages and offset currents given are the maximum values required to drive the output within a volt of either supply with a 1.0 mA
load. Thus, these parameters define an error band and take into account the “worst case” effects of voltage gain and input impedance.
4. The response time specified is for a 100 mV input step with 5.0 mV overdrive.
5. Do not short the strobe pin to ground; it should be current driven at 3.0 mA to 5.0 mA.
Figure 2. Circuit Schematic
8
7
1
4
VEE
GND
Output
VCC
5.0k
200
600
3.0k
300
900
800
5.4k
1.3k
250
800
800
100
3.7k
730
340
3.7k
300
5
6
300
2
3
Inputs
1.3k
1.3k
1.3k
Balance
Balance/Strobe



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com