Electronic Components Datasheet Search
  English  ▼

X  

TAS5518PAG Datasheet(PDF) 16 Page - Texas Instruments

Part # TAS5518PAG
Description  TAS5518 8 Channel Digital Audio PWM Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5518PAG Datasheet(HTML) 16 Page - Texas Instruments

Back Button TAS5518PAG Datasheet HTML 12Page - Texas Instruments TAS5518PAG Datasheet HTML 13Page - Texas Instruments TAS5518PAG Datasheet HTML 14Page - Texas Instruments TAS5518PAG Datasheet HTML 15Page - Texas Instruments TAS5518PAG Datasheet HTML 16Page - Texas Instruments TAS5518PAG Datasheet HTML 17Page - Texas Instruments TAS5518PAG Datasheet HTML 18Page - Texas Instruments TAS5518PAG Datasheet HTML 19Page - Texas Instruments TAS5518PAG Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 102 page
background image
Introduction
7
SLES115 — August 2004
TAS5518
TERMINAL
DESCRIPTION
TERMIN-
ATION
5-V
TOLERANT
I/O
NO.
DESCRIPTION
TERMIN-
ATION
5-V
TOLERANT
I/O
NAME
28
SDIN4
DI
5 V
Pulldown Serial audio data 4 input is one of the serial data input ports. SDIN4 supports four
discrete (stereo) data formats and is capable of inputting data at 64 Fs.
29
SDIN3
DI
5 V
Pulldown Serial audio data 3 input is one of the serial data input ports. SDIN3 supports four
discrete (stereo) data formats and is capable of inputting data at 64 Fs.
30
SDIN2
DI
5 V
Pulldown Serial audio data 2 input is one of the serial data input ports. SDIN2 supports four
discrete (stereo) data formats and is capable of inputting data at 64 Fs.
31
SDIN1
DI
5 V
Pulldown Serial audio data 1 input is one of the serial data input ports. SDIN1 supports four
discrete (stereo) data formats and is capable of inputting data at 64 Fs.
32
PSVC
O
Power supply volume control PWM output
33
VR_DIG
P
Voltage reference for digital core supply 1.8 V. A pin-out of the internally regulated
1.8-V power used by digital core logic. A 0.47-µF low ESR capacitor should be
connected between this terminal and DVSS. This terminal must not be used to
power external devices
34
DVSS
P
Digital ground
35
DVSS
P
Digital ground
36
DVDD
P
3.3-V digital power supply
37
BKND_ERR
DI
Pull up
Active low. A backend error sequence is generated by applying logic low to this
terminal. The BKND_ERR results in all system parameters unaffected, while all
H-bridge drive signals going to a hard mute (M) state.
38
DVSS
P
Digital ground
39
VALID
DO
Output indicating validity of PWM outputs active high
40
PWM_M_1
DO
PWM 1 output (differential −)
41
PWM_P_1
DO
PWM 1 output (differential +)
42
PWM_M_2
DO
PWM 2 output (differential −)
43
PWM_P_2
DO
PWM 2 output (differential +)
44
PWM_M_3
DO
PWM 3 output (differential −)
45
PWM_P_3
DO
PWM 3 output (differential +)
46
PWM_M_4
DO
PWM 4 output (differential −)
47
PWM_P_4
DO
PWM 4 output (differential +)
48
VR_PWM
P
Voltage reference for digital PWM core supply 1.8 V. A pin-out of the internally
regulated 1.8-V power used by digital PWM core logic. A 0.1-µF low ESR capacitor
should be connected between this terminal and DVSS_PWM. This terminal must
not be used to power external devices.
49
PWM_M_7
DO
PWM 7 (Line out L) output (differential −)
50
PWM_P_7
DO
PWM 7 (Line out L) output (differential +)
51
PWM_M_8
DO
PWM 8 (Line out R) output (differential −)
52
PWM_P_8
DO
PWM 8 (Line out R) output (differential +)
53
DVSS_PWM
P
Digital ground for PWM
54
DVDD_PWM
P
3.3-V digital power supply for PWM
55
PWM_M_5
DO
PWM 5 output (differential −)
56
PWM_P_5
DO
PWM 5 output (differential +)
57
PWM_M_6
DO
PWM 6 output (differential −)
58
PWM_P_6
DO
PWM 6 output (differential +)
59
PWM_HPML
DO
PWM left channel headphone (differential −)
60
PWM_HPPL
DO
PWM left channel headphone (differential +)
61
PWM_HPMR
DO
PWM right channel headphone (differential −)
62
PWM_HPPR
DO
PWM right channel headphone (differential +)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com