Electronic Components Datasheet Search
  English  ▼

X  

TAS5518PAG Datasheet(PDF) 33 Page - Texas Instruments

Part # TAS5518PAG
Description  TAS5518 8 Channel Digital Audio PWM Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5518PAG Datasheet(HTML) 33 Page - Texas Instruments

Back Button TAS5518PAG Datasheet HTML 29Page - Texas Instruments TAS5518PAG Datasheet HTML 30Page - Texas Instruments TAS5518PAG Datasheet HTML 31Page - Texas Instruments TAS5518PAG Datasheet HTML 32Page - Texas Instruments TAS5518PAG Datasheet HTML 33Page - Texas Instruments TAS5518PAG Datasheet HTML 34Page - Texas Instruments TAS5518PAG Datasheet HTML 35Page - Texas Instruments TAS5518PAG Datasheet HTML 36Page - Texas Instruments TAS5518PAG Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 102 page
background image
Introduction
24
SLES115 — August 2004
TAS5518
1.11 Dynamic Range Control (DRC)
The DRC provides both compression and expansion capabilities over three separate and definable regions
of audio signal levels. Programmable threshold levels set the boundaries of the three regions. Within each
of the three regions a distinct compression or expansion transfer function can be established and the slope
of each transfer function is determined by programmable parameters. The offset (boost or cut) at the two
boundaries defining the three regions can also be set by programmable offset coefficients. The DRC
implements the composite transfer function by computing a 5.23 format gain coefficient from each sample
output from the rms estimator. This gain coefficient is then applied to a mixer element, whose other input is
the audio data stream. The mixer output is the DRC-adjusted audio data.
There are two distinct DRC blocks in the TAS5518. DRC1 services channels 1−7 in the 8-channel mode and
channels 1−4, and 7 in the 6-channel mode. This DRC computes rms estimates of the audio data streams on
all channels that it controls. The estimates are then compared on a sample-by-sample basis and the larger
of the estimates is used to compute the compression/expansion gain coefficient. The gain coefficient is then
applied to appropriate channels audio stream. DRC2 services only channel 8. This DRC also computes an
rms estimate of the signal level on channel 8 and this estimate is used to compute the compression/expansion
gain coefficient applied to the channel 8 audio stream.
All of the TAS5518 default values for DRC can be used except for the DRC1 decay and DRC2 decay. Table 1−8
shows the recommended time constants and their HEX values. If the user wants to implement other DRC
functions, Texas Instruments recommends using the automatic loudspeaker equalization (ALE) tool available
from Texas Instruments. The ALE tool allows the user to select the DRC transfer function graphically. It will
then output the TAS5518 hex coefficients for download to the TAS5518.
Table 1−8. DRC Recommended Changes From TAS5518 Defaults
I2C
SUBADDRESS
REGISTER FIELDS
RECOMMENDED TIME
CONSTANT (MS)
RECOMMENDED
HEX VALUE
DEFAULT HEX
0x98
DRC1 energy
5
0000883F
0000883F
DRC1 (1 – energy)
007F77C0
007F77C0
0x9C
DRC1 attack
5
0000883F
0000883F
DRC1 (1 – attack)
007F77C0
007F77C0
DRC1 decay
2
0001538F
000000AE
DRC1 (1 – decay)
007EAC70
007FFF51
0x9D
DRC2 energy
5
0000883F
0000883F
DRC2 (1 – energy)
007F77C0
007F77C0
0xA1
DRC2 attack
5
0000883F
0000883F
DRC2 (1 – attack)
007F77C0
007F77C0
DRC2 decay
2
0001538F
000000AE
DRC2 (1 – decay)
007EAC70
007FFF51
Recommended DRC set-up flow if the defaults are used:
•
After power up, load the recommended hex value for DRC1 and DRC2 decay and (1 – decay). See
Table 1−8.
•
Enable either the pre-volume or post-volume DRC
Recommended DRC set-up flow if the DRC design uses values different from the defaults:
•
After power up, load all DRC coefficients per the DRC design.
•
Enable either the pre-volume or post-volume DRC
Figure 1−19 shows the positioning of the DRC block in the TAS5518 processing flow. As seen, the DRC input
can come from either before or after soft volume control and loudness processing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com