Electronic Components Datasheet Search
  English  ▼

X  

DS3000PE Datasheet(PDF) 4 Page - Artesyn Technologies

Part # DS3000PE
Description  Distributed Power Bulk Front-end Single Ouptut Standard Total Output Power
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

DS3000PE Datasheet(HTML) 4 Page - Artesyn Technologies

  DS3000PE Datasheet HTML 1Page - Artesyn Technologies DS3000PE Datasheet HTML 2Page - Artesyn Technologies DS3000PE Datasheet HTML 3Page - Artesyn Technologies DS3000PE Datasheet HTML 4Page - Artesyn Technologies DS3000PE Datasheet HTML 5Page - Artesyn Technologies DS3000PE Datasheet HTML 6Page - Artesyn Technologies DS3000PE Datasheet HTML 7Page - Artesyn Technologies DS3000PE Datasheet HTML 8Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
DS3000PE Data Sheet
Control and Status Signals
PWR_GOOD / PWOK
Signal used to indicate that main output voltage is within regulation range. The PWR_GOOD signal will be driven HIGH when the output voltage is valid and will be
driven LOW when the output falls below the under-voltage threshold.
This signal also gives an advance warning when there is an impending power loss due to loss of AC input or system shutdown request. More details in the Timing Section.
This is an open collector/drain output. This pin is pulled high by a 1.0 k ohm resistor connected to 3.3 V inside the power supply. It is recommended that this pin be
connected to a 100 pF decoupling capacitor and pulled down by a 10 k ohm resistor.
MIN
MAX
V
IL
Output logic level LOW
0.8 V
V
IH
Output logic level HIGH
2.0 V
5.0 V
I
SOURCE
Current that may be sourced by this pin
3.3 mA
I
SINK
Current that may be sunk by this pin at low state
0.7 mA
PS_PRESENT
Signal used to indicate to the system that a power supply is inserted in the power bay. Recommended pull-up resistor to 12 VSB is 8.2 k with a 3.0 k pull-down to
ground. A 100 pF decoupling capacitor is also recommended.
PS_INTERRUPT
Active low signal used by the power supply to indicate to the system that a change in power supply status has occurred. This event can be triggered by faults
such as OVP, OCP, OTP, and fan fault. This signal can be cleared by a CLEAR_FAULT command. Recommended pull-up resistor to 12 VSB is 8.2 k with a 3.0 k
pull-down to ground. A 100 pF decoupling capacitor is also recommended.
MIN
MAX
V
IL
Output logic level LOW
0.8 V
V
IH
Output logic level HIGH
2.0 V
5.0 V
I
SOURCE
Current that may be sourced by this pin
4 mA
I
SINK
Current that may be sunk by this pin at low state
4 mA
BUS Signals
ISHARE
Bus signal used by the power supply for active current sharing. All power supplies configured in the system for n+n sharing will refer to this bus voltage inorder to
load share.
Voltage Range
The range of this signal for active sharing will be up to 8.0 V, which corresponds to the maximum output current.
MIN
MAX
I
SHARE Voltage
Input logic level LOW
7.75
8.25
Voltage at 50% load, stand-alone unit
3.85
4.15
Voltage at 0% load, stand-alone unit
0
0.3
I
SOURCE
Current that may be sourced by this pin
160 mA
SCL, SDA
Clock, data and addressing signals defined as per I2C requirements. The maximum system side resistor pull-up and decoupling capacitance
MIN
MAX
V
L
Logic level LOW
0.8 V
V
H
Logic level HIGH
2.0 V
5.0 V
Note: All signal noise levels are below 400 mVpk-pk from 0 - 100 MHz.
I2C Addressing Table
FRU ADDRESSING
A2
A1
A0
Address
HIGH
LOW
LOW
0 x A9
HIGH
LOW
HIGH
0 x AB
HIGH
HIGH
LOW
0 x AD
HIGH
HIGH
HIGH
0 x AF*
* Default address when AO and A1 are open
PMBus Addressing
Address
0 x B8
0 x BA
0 x BC
0 x BE



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com