Electronic Components Datasheet Search
  English  ▼

X  

DS3000PE Datasheet(PDF) 5 Page - Artesyn Technologies

Part # DS3000PE
Description  Distributed Power Bulk Front-end Single Ouptut Standard Total Output Power
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

DS3000PE Datasheet(HTML) 5 Page - Artesyn Technologies

  DS3000PE Datasheet HTML 1Page - Artesyn Technologies DS3000PE Datasheet HTML 2Page - Artesyn Technologies DS3000PE Datasheet HTML 3Page - Artesyn Technologies DS3000PE Datasheet HTML 4Page - Artesyn Technologies DS3000PE Datasheet HTML 5Page - Artesyn Technologies DS3000PE Datasheet HTML 6Page - Artesyn Technologies DS3000PE Datasheet HTML 7Page - Artesyn Technologies DS3000PE Datasheet HTML 8Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
DS3000PE Data Sheet
Firmware Reporting And Monitoring
Accuracy Range
Output loading
5 to 20%
20 to 50%
50 to 100%
Input voltage
±5%
Input current
±0.55 A fixed error
±4%
Input power
±10 W at < 100 W input
±5%
Output voltage
±2%
Output current
2.5 A fixed error
±2%
Temperature
±5 degC on the operating range
E
IN
±15% from 10% to 20% load
±5%
Fan speed
±250 RPM
PMBus
YES
Remote ON/OFF
YES
Electrical Specifications
LED Indicators
AC GOOD LED
DC GOOD LED
FAULT LED
Color
GREEN
GREEN
AMBER
No AC input to PSU
Off
Off
Off
AC present, STBY ON, main output OFF
On
Off
Off
Main output ON
On
On
Off
Power supply failure (OVP, OTP, FAN FAULT)
Off
Off
Blinking
Timing Specifications
Description
Min
Max
Unit
T
sb_On
Delay from AC being applied to standby output being within regulation
500
2000
ms
T
sb_vout
Delay from standby output to main output voltage being within regulation
1200
ms
T
sb_ACOK
Delay from standby output to ACOK assertion
40
ms
T
ac_on_delay
Delay from AC being applied to main output being within regulation
2200
ms
T
pwok_on
Delay from output voltages within regulation limits to PWOK asserted
100
1200
ms
T
acok_delay
Delay from loss of AC to assertion of ACOK
250
ms
T
pwok_hold-up
Delay from loss of AC to deassertion of PWOK
10
ms
T
vout_hold-up
Delay from loss of AC to main output falling out of regulation
11
ms
T
sb_Hold-up
Delay from loss of AC to standby output being within regulation
150
ms
T
PWR_GOOD_Off
Delay from deassertion of PWOK to output falling out of regulation
1
ms
T
PSON_On_Delay
Delay from PSON assertion to output being within regulation
350
ms



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com