Electronic Components Datasheet Search
  English  ▼

X  

DS2000-3 Datasheet(PDF) 4 Page - Artesyn Technologies

Part # DS2000-3
Description  2000 Watts 12 V Distributed Power System
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

DS2000-3 Datasheet(HTML) 4 Page - Artesyn Technologies

  DS2000-3 Datasheet HTML 1Page - Artesyn Technologies DS2000-3 Datasheet HTML 2Page - Artesyn Technologies DS2000-3 Datasheet HTML 3Page - Artesyn Technologies DS2000-3 Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DS2000-3 Data Sheet
For more information: www.artesyn.com/power
For support: productsupport.ep@artesyn.com
www.artesyn.com
WORLDWIDE OFFICES
Americas
2900 S.Diablo Way
Tempe, AZ 85282
USA
+1 888 412 7832
Europe (UK)
Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX
United Kingdom
+44 (0) 1384 842 211
Asia (HK)
14/F, Lu Plaza
2 Wing Yip Street
Kwun Tong, Kowloon
Hong Kong
+852 2176 3333
While every precaution has been taken to ensure accuracy and completeness in this literature, Artesyn
Embedded Technologies assumes no responsibility, and disclaims all liability for damages resulting from use
of this information or for any errors or omissions. Artesyn Embedded Technologies, Artesyn and the Artesyn
Embedded Technologies logo are trademarks and service marks of Artesyn Embedded Technologies, Inc.
All other names and logos referred to are trade names, trademarks, or registered trademarks of their respective
owners. © 2015 Artesyn Embedded Technologies, Inc.
DS2000-3 30Jul2015
DC Output Connector Pinout/Functions
Unit Connector; Molex Blade, (LPH Series) 45985-xxx
Mating Connector; Molex Blade, (LPH Series) SD-45984-1462 or any approved equivalent
Signal Descriptions
Signal Pin
#Comp Side Top Row
Signal
Function
Signal
Description
Signal Pin
#Solder Side Bottom Row
Signal Function
Signal Description
A17
3.3 V Sense RTN
3.3 V Sen Rtn
A1
SPARE
A18
AC OK#
AC input present
A2
SPARE
+Stand-by rmt Sen
A19
A0
I2C address bit 0
A3
#ALERT
Fail signal
A20
A2
I2C address bit 2
A4
A1
I2C address bit 1
A21
SCL*
I2C Clock signal
A5
SDA
I2C Data signal
A22
PWOK#
Pwr OK output
A6
PRESENT#
Power supply present
A23
12 LS
12 V load share bus
A7
PSON#
Power enable input
A24
+12 VRS Rtn
+12 V Rmt Sen Rtn
A8
+12 V RS
+12 V Remote Sense
A25
3.3 vsb
Stand-By
A9
3.3 vsb
Stand-By
A26
3.3 vsb
Stand-By
A10
3.3 vsb
Stand-By
A27
3.3 vsb
Stand-By
A11
3.3 vsb
Stand-By
A28
3.3 vsb
Stand-By
A12
3.3 vsb
Stand-By
A29
3.3 vsb Rtn
Stand-By return
A13
3.3 vsb Rtn
Stand-By return
A30
3.3 vsb Rtn
Stand-By return
A14
3.3 vsb Rtn
Stand-By return
A31
3.3 vsb Rtn
Stand-By return
A15
3.3 vsb Rtn
Stand-By return
A32
3.3 vsb Rtn
Stand-By return
A16
3.3 vsb Rtn
Stand-By return
Power Blade
Power Blade
PB1 Top
+12 vdc
Main Output
PB1 Bottom
+12 vdc
Main Output
PB2 Top
+12 vdc
Main Output
PB2 Bottom
+12 vdc
Main Output
PB3 Top
+12 vdc
Main Output
PB3 Bottom
+12 vdc Rtn
Main Output
PB4 Top
+12 vdc Rtn
Main Output
PB4 Bottom
+12 vdc Rtn
Main Output
PB5 Top
+12 vdc Rtn
Main Output
PB5 Bottom
+12 vdc Rtn
Main Output
* Supports I2C standard mode (100 kHz) only
NO OF SIGNALS OPTIONAL
SEE CHART
TOP ROW
BOTTOM ROW
A1
A17
PB1
PB2
PB3
PB4
PB5
TOP ROW
BOTTOM ROW
OPTIONAL PE
OPTIONAL GUIDES
Mating Connector - Molex p/n: 45984-1462
Signal Pin A1 Bottom Left
Signal Pin A17 Top Left



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com