Electronic Components Datasheet Search
  English  ▼

X  

DS2000-3 Datasheet(PDF) 1 Page - Artesyn Technologies

Part # DS2000-3
Description  2000 Watts 12 V Distributed Power System
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

DS2000-3 Datasheet(HTML) 1 Page - Artesyn Technologies

  DS2000-3 Datasheet HTML 1Page - Artesyn Technologies DS2000-3 Datasheet HTML 2Page - Artesyn Technologies DS2000-3 Datasheet HTML 3Page - Artesyn Technologies DS2000-3 Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
POWER
DS2000-3
2000 Watts 12 V Distributed Power System
Distributed Power Bulk Front-End
Total Output Power: 2000 Watts
+12 Vdc Main Output
+3.3 or +5.0 Vdc Standby Output
Wide Range Input Voltage:
90 - 264 Vac
SPECIAL FEATURES
ƒ
Active power factor correction
ƒ
EN61000-3-2 harmonic compliance
ƒ
Active AC inrush control
ƒ
1U X 3U form factor
ƒ
26.14 W / in3
ƒ
+12 Vdc output
ƒ
+3.3 Vdc or 5.0 V Standby
ƒ
No minimum load required
ƒ
Hot plug operation
ƒ
N + 1 redundant
ƒ
Internal OR’ing fets
ƒ
Active current sharing
(10 - 100% load)
ƒ
Built-in cooling fans
(40 mm x 28 mm)
ƒ
I2C communication interface bus
ƒ
PMBus compliant
ƒ
EEPROM for FRU data
ƒ
Green and Amber LED status
ƒ
Internal fan speed control
ƒ
INTEL, SSI Std. logic timing
ƒ
INTEL, SSI Std. FRU data format
ƒ
Two year warranty
SAFETY
ƒ
UL/cUL 60950 (UL Recognized)
ƒ
NEMKO+ CB Report EN60950
ƒ
EN60950
ƒ
CE Mark
ƒ
China CCC
Electrical Specifications
Input
Input voltage range
90 - 264 Vac (wide range)
90 - 264 1200 W load, nominal 100 Vac
180 - 264 2000 W load, nominal 200 Vac
Frequency
47 - 63 Hz, single phase AC
Inrush current
40 A maximum inrush current
Efficiency
> 89% typical at full load, high line
Conducted EMI
FCC Subpart J EN55022 Class B
Radiated EMI
FCC Subpart J EN55022 Class B
Power factor
0.99 typical
Leakage current
1.40 mA @ 240 Vac
Hold-up time
10 ms minimum
Output
Main DC voltage
+12 V @ 164.2 A
180 - 264 Vac
+12 V @ 100 A
90 - 264 Vac
Standby
+3.3 Vsb @ 9 A or 5 V @ 6 A
Adjustment range
Factory set, no pot adjustments
Regulation
+12 Vdc; ±5%
+3.3 Vsb/+5.0V; ±5%
Overcurrent
+12 Vdc; latches off if overcurrent lasts over 1 second,
otherwise it is auto recovery (See ordering info next page)
Overvoltage
+12 Vdc; 13.2 - 14.4 Vdc
+3.3 Vsb: 3.76 - 4.30 Vdc, +5.0Vsb: 5.5 - 6.25Vdc
Undervoltage
+12 Vdc; 9 - 10.8 V (latch off)
Turn-on delay
2 second max
+12 V output rise time
5 - 300 ms, Monotonic Rise
Data Sheet


Similar Part No. - DS2000-3

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
DS2000-3 EMERSON-NETWORKPOWER-DS2000-3 Datasheet
1Mb / 4P
Active power factor correction
DS2000-3 EMERSON-NETWORKPOWER-DS2000-3 Datasheet
747Kb / 4P
2000 Watts 12 V Distributed Power System
DS2000-3 EMERSON-NETWORKPOWER-DS2000-3 Datasheet
761Kb / 4P
2000 Watts 12 V Distributed Power System
DS2000-3-001 EMERSON-NETWORKPOWER-DS2000-3-001 Datasheet
761Kb / 4P
2000 Watts 12 V Distributed Power System
DS2000-3 EMERSON-NETWORKPOWER-DS2000-3_09 Datasheet
747Kb / 4P
2000 Watts 12 V Distributed Power System
More results

Similar Description - DS2000-3

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
DS2000-3 EMERSON-NETWORKPOWER-DS2000-3_09 Datasheet
747Kb / 4P
2000 Watts 12 V Distributed Power System
DS1200 EMERSON-NETWORKPOWER-DS1200_09 Datasheet
472Kb / 4P
1200 Watts Distributed Power System
DS2900 EMERSON-NETWORKPOWER-DS2900 Datasheet
405Kb / 4P
2900 Watts Distributed Power System
DS2000-3 EMERSON-NETWORKPOWER-DS2000-3_11 Datasheet
761Kb / 4P
2000 Watts 12 V Distributed Power System
logo
Artesyn Technologies
DS1100SLPE ARTESYN-DS1100SLPE Datasheet
700Kb / 7P
1100 Watts Distributed Power System
DS750PED ARTESYN-DS750PED Datasheet
701Kb / 7P
750 Watts Distributed Power System
DS500SPE-3 ARTESYN-DS500SPE-3 Datasheet
704Kb / 7P
500 Watts Distributed Power System
DS2900 ARTESYN-DS2900 Datasheet
1Mb / 7P
2900 Watts Distributed Power System
DS1600SPE ARTESYN-DS1600SPE Datasheet
791Kb / 8P
1600 Watts Distributed Power System
DS1100SLPE-3-001 ARTESYN-DS1100SLPE-3-001 Datasheet
700Kb / 7P
1100 Watts Distributed Power System
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com