Electronic Components Datasheet Search
  English  ▼

X  

TFP401APZP Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TFP401APZP
Description  TI PanelBus DIGITAL RECEIVER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TFP401APZP Datasheet(HTML) 14 Page - Texas Instruments

Back Button TFP401APZP Datasheet HTML 10Page - Texas Instruments TFP401APZP Datasheet HTML 11Page - Texas Instruments TFP401APZP Datasheet HTML 12Page - Texas Instruments TFP401APZP Datasheet HTML 13Page - Texas Instruments TFP401APZP Datasheet HTML 14Page - Texas Instruments TFP401APZP Datasheet HTML 15Page - Texas Instruments TFP401APZP Datasheet HTML 16Page - Texas Instruments TFP401APZP Datasheet HTML 17Page - Texas Instruments TFP401APZP Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
TFP401, TFP401A
TI PanelBus
 DIGITAL RECEIVER
SLDS120B - MARCH 2000 – REVISED JUNE 2003
14
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TFP401A incorporates HSYNC jitter immunity (continued)
This HSYNC regeneration circuit is transparent to the monitor and need not be removed even if the transmitted
HSYNC is stable. For example, the PanelBus line of DVI 1.0 compliant transmitters, such as the TFP6422 and
TFP420, do not have the HSYNC jitter problem. The TFP401A will operate correctly with either compliant or
noncompliant transmitters. In contrast, the TFP401 is ideal for customers who have control over the transmit
portion of the design such as bundled system manufacturers and for internal monitor use (the DVI connection
between monitor and panel modules).
HSYNC Shift by
± 1 Clock
ODCK
HSYNC IN
DE
HSYNC OUT
Figure 16. HSYNC Regeneration Timing Diagram
TFP401/401A modes of operation
The TFP401/401A provides systems design flexibility and value by providing the system designer with
configurable options or modes of operation to support varying system architectures. The following table outlines
the various panel modes that can be supported along with appropriate external control pin settings.
PANEL
PIXEL RATE
ODCK LATCH
EDGE
ODCK
DFO
PIXS
OCK_INV
TFT or 16-bit DSTN
1 pix/clock
Falling
Free run
0
0
0
TFT or 16-bit DSTN
1 pix/clock
Rising
Free run
0
0
1
TFT
2 pix/clock
Falling
Free run
0
1
0
TFT
2 pix/clock
Rising
Free run
0
1
1
24-bit DSTN
1 pix/clock
Falling
Gated low
1
0
0
NONE
1 pix/clock
Rising
Gated low
1
0
1
24-bit DSTN
2 pix/clock
Falling
Gated low
1
1
0
24-bit DSTN
2 pix/clock
Rising
Gated low
1
1
1
TFP401/401A output driver configurations
The TFP401/401A provides flexibility by offering various output driver features that can be used to optimize
power consumption, ground-bounce and power-supply noise. The following sections outline the output driver
features and their effects.
Output driver power down (PDO = low), Pulling PDO low will place all the output drivers, except CTL1 and
SCDT, into a high-impedance state. The SCDT output which indicates link-disabled or link-inactive can be tied
directly to the PDO input to disable the output drivers when the link is inactive or when the cable is disconnected.
An internal pullup on the PDO pin will default the TFP401/401A to the normal nonpower down output drive mode
if left unconnected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com