Electronic Components Datasheet Search
  English  ▼

X  

TMS320C6411 Datasheet(PDF) 67 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6411
Description  FIXED POINT DIGITAL SIGNAL PROCESSOR
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6411 Datasheet(HTML) 67 Page - Texas Instruments

Back Button TMS320C6411 Datasheet HTML 63Page - Texas Instruments TMS320C6411 Datasheet HTML 64Page - Texas Instruments TMS320C6411 Datasheet HTML 65Page - Texas Instruments TMS320C6411 Datasheet HTML 66Page - Texas Instruments TMS320C6411 Datasheet HTML 67Page - Texas Instruments TMS320C6411 Datasheet HTML 68Page - Texas Instruments TMS320C6411 Datasheet HTML 69Page - Texas Instruments TMS320C6411 Datasheet HTML 70Page - Texas Instruments TMS320C6411 Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 119 page
background image
TMS320C6411
FIXEDPOINT DIGITAL SIGNAL PROCESSOR
SPRS196H − MARCH 2002 − REVISED JULY 2004
67
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
absolute maximum ratings over operating case temperature range (unless otherwise noted)†
Supply voltage ranges: CVDD (see Note 1)
− 0.3 V to 1.8 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DVDD (see Note 1)
−0.3 V to 4 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage ranges:
(except PCI), VI
−0.3 V to 4 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
(PCI), VIP
−0.5 V to DVDD + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage ranges: (except PCI), VO
−0.3 V to 4 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
(PCI), VOP
−0.5 V to DVDD + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating case temperature range, TC
0
_C to 90_C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
_C to 150_C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltage values are with respect to VSS.
recommended operating conditions
MIN
NOM
MAX
UNIT
CVDD
Supply voltage, Core‡
1.14
1.2
1.26
V
DVDD
Supply voltage, I/O
3.14
3.3
3.46
V
VSS
Supply ground
0
0
0
V
VIH
High-level input voltage (except PCI)
2
V
VIL
Low-level input voltage (except PCI)
0.8
V
VIP
Input voltage (PCI)
−0.5
DVDD + 0.5
V
VIHP
High-level input voltage (PCI)
0.5DVDD
DVDD + 0.5
V
VILP
Low-level input voltage (PCI)
−0.5
0.3DVDD
V
VOS
Maximum voltage during overshoot/undershoot
−1.0§
4.3§
V
TC
Operating case temperature
0
90
_C
‡ Future variants of the C6411 DSP may operate at voltages ranging from 0.9 V to 1.4 V to provide a range of system power/performance options.
TI highly recommends that users design-in a supply that can handle multiple voltages within this range (i.e., 1.2 V, 1.25 V, 1.3 V, 1.35 V, 1.4 V
with
± 3% tolerances) by implementing simple board changes such as reference resistor values or input pin configuration modifications. Examples
of such supplies include the PT4660, PT5500, PT5520, PT6440, and PT6930 series from Power Trends, a subsidiary of Texas Instruments. Not
incorporating a flexible supply may limit the system’s ability to easily adapt to future versions of C641x devices.
§ The absolute maximum ratings should not be exceeded for more than 30% of the cycle period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com