Electronic Components Datasheet Search
  English  ▼

X  

TMS320C6411 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6411
Description  FIXED POINT DIGITAL SIGNAL PROCESSOR
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6411 Datasheet(HTML) 33 Page - Texas Instruments

Back Button TMS320C6411 Datasheet HTML 29Page - Texas Instruments TMS320C6411 Datasheet HTML 30Page - Texas Instruments TMS320C6411 Datasheet HTML 31Page - Texas Instruments TMS320C6411 Datasheet HTML 32Page - Texas Instruments TMS320C6411 Datasheet HTML 33Page - Texas Instruments TMS320C6411 Datasheet HTML 34Page - Texas Instruments TMS320C6411 Datasheet HTML 35Page - Texas Instruments TMS320C6411 Datasheet HTML 36Page - Texas Instruments TMS320C6411 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 119 page
background image
TMS320C6411
FIXEDPOINT DIGITAL SIGNAL PROCESSOR
SPRS196H − MARCH 2002 − REVISED JULY 2004
33
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
DEVICE CONFIGURATIONS (CONTINUED)
Table 20. PCI_EN Peripheral Selection (HPI/GP[15:9] or PCI)
PCI_EN Pin
†
PERIPHERALS SELECTED
PCI_EN Pin
[AA4]†
HPI
GP[15:9]
PCI
DESCRIPTION
0
√
√
[default] HPI is enabled, GP[15:9] pins can be programmed as GPIO, PCI is
disabled.
This means all multiplexed HPI/PCI pins function as HPI and all standalone PCI
pins (PCBE0, XSP_DO, XSP_DI, XSP_CLK, and XSP_CS) are tied-off (Hi-Z).
Also, the multiplexed GPIO/PCI pins can be used as GPIO with the proper
software configuration of the GPIO enable (GPxEN) and direction (GPxDIR)
registers (for more details, see Table 22).
1
√
PCI is enabled, HPI/GP[15:9] are disabled.
This means all multiplexed HPI/PCI pins function as PCI. Also, the multiplexed
GPIO/PCI pins function as PCI pins (for more details, see Table 22).
Auto-initialization through PCI EEPROM or initialization via specified PCI default
values is controlled by the EEAI pin, see Table 21.
† The PCI_EN pin is latched at reset and must be driven valid at all times and the user must not switch values throughout device operation.
other device configurations
Table 21 describes the C6411 device configuration pins, which are set up via external pullup/pulldown resistors
through the specified pins. For more details on these device configuration pins, see the Terminal Functions table
and the Debugging Considerations section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com