Electronic Components Datasheet Search
  English  ▼

X  

TMS417400 Datasheet(PDF) 12 Page - Texas Instruments

Part # TMS417400
Description  4194304-WORD BY 4-BIT HIGH-SPEED DRAMS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS417400 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TMS417400 Datasheet HTML 8Page - Texas Instruments TMS417400 Datasheet HTML 9Page - Texas Instruments TMS417400 Datasheet HTML 10Page - Texas Instruments TMS417400 Datasheet HTML 11Page - Texas Instruments TMS417400 Datasheet HTML 12Page - Texas Instruments TMS417400 Datasheet HTML 13Page - Texas Instruments TMS417400 Datasheet HTML 14Page - Texas Instruments TMS417400 Datasheet HTML 15Page - Texas Instruments TMS417400 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
TMS416400, TMS416400P, TMS417400, TMS417400P
TMS426400, TMS426400P, TMS427400, TMS427400P
4194304-WORD BY 4-BIT HIGH-SPEED DRAMS
SMKS881B – MAY 1995 – REVISED AUGUST 1995
12
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
capacitance over recommended ranges of supply voltage and operating free-air temperature,
f = 1 MHz (see Note 3)
PARAMETER
MIN
MAX
UNIT
Ci(A)
Input capacitance, A0 – A11
5
pF
Ci(OE)
Input capacitance, OE
7
pF
Ci(RC)
Input capacitance, CAS and RAS
7
pF
Ci(W)
Input capacitance, W
7
pF
Co
Output capacitance
7
pF
NOTE 3: VCC = NOM supply voltage ± 10%, and the bias on pins under test is 0 V.
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature
PARAMETER
’4xx400 - 60
’4xx400P - 60
’4xx400 - 70
’4xx400P - 70
’4xx400 - 80
’4xx400P - 80
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
tAA
Access time from column address (see Note 4)
30
35
40
ns
tCAC
Access time from CAS low (see Note 4)
15
18
20
ns
tCPA
Access time from column precharge (see Note 4)
35
40
45
ns
tRAC
Access time from RAS low (see Note 4)
60
70
80
ns
tOEA
Access time from OE low (see Note 4)
15
18
20
ns
tCLZ
Delay time, CAS low to output in low-impedance state
0
0
0
ns
tOH
Output data hold time (from CAS)
3
3
3
ns
tOHO
Output data hold time (from OE)
3
3
3
ns
tOFF
Output disable time after CAS high (see Note 5)
0
15
0
18
0
20
ns
tOEZ
Output disable time after OE high (see Note 5)
0
15
0
18
0
20
ns
NOTES:
4. Access times for TMS42x400 measured with output reference levels of VOH = 2 V and VOL = 0.8 V.
5. tOFF and tOEZ are specified when the output is no longer driven.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com