Electronic Components Datasheet Search
  English  ▼

X  

TMS417400 Datasheet(PDF) 13 Page - Texas Instruments

Part # TMS417400
Description  4194304-WORD BY 4-BIT HIGH-SPEED DRAMS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS417400 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMS417400 Datasheet HTML 9Page - Texas Instruments TMS417400 Datasheet HTML 10Page - Texas Instruments TMS417400 Datasheet HTML 11Page - Texas Instruments TMS417400 Datasheet HTML 12Page - Texas Instruments TMS417400 Datasheet HTML 13Page - Texas Instruments TMS417400 Datasheet HTML 14Page - Texas Instruments TMS417400 Datasheet HTML 15Page - Texas Instruments TMS417400 Datasheet HTML 16Page - Texas Instruments TMS417400 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
TMS416400, TMS416400P, TMS417400, TMS417400P
TMS426400, TMS426400P, TMS427400, TMS427400P
4194304-WORD BY 4-BIT HIGH-SPEED DRAMS
SMKS881B – MAY 1995 – REVISED AUGUST 1995
13
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
timing requirements over recommended ranges of supply voltage and operating free-air
temperature
’4xx400 - 60
’4xx400P - 60
’4xx400 - 70
’4xx400P - 70
’4xx400 - 80
’4xx400P - 80
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
tRC
Cycle time, read (see Note 6)
110
130
150
ns
tWC
Cycle time, write (see Note 6)
110
130
150
ns
tRWC
Cycle time, read-write (see Note 6)
155
181
205
ns
tPC
Cycle time, page-mode read or write (see Notes 6 and 7)
40
45
50
ns
tPRWC
Cycle time, page-mode read-write (see Note 6)
85
96
105
ns
tRASP
Pulse duration, RAS low, page mode (see Note 8)
60
100 000
70
100 000
80
100 000
ns
tRAS
Pulse duration, RAS low, nonpage mode (see Note 8)
60
10 000
70
10 000
80
10 000
ns
tCAS
Pulse duration, CAS low (see Note 9)
15
10 000
18
10 000
20
10 000
ns
tCP
Pulse duration, CAS high
10
10
10
ns
tRP
Pulse duration, RAS high (precharge)
40
50
60
ns
tWP
Pulse duration, W low
10
10
10
ns
tASC
Setup time, column address before CAS low
0
0
0
ns
tASR
Setup time, row address before RAS low
0
0
0
ns
tDS
Setup time, data (see Note 10)
0
0
0
ns
tRCS
Setup time, W high before CAS low
0
0
0
ns
tCWL
Setup time, W low before CAS high
15
18
20
ns
tRWL
Setup time, W low before RAS high
15
18
20
ns
tWCS
Setup time, W low before CAS low (early-write operation only)
0
0
0
ns
tWRP
Setup time, W high before RAS low (CBR refresh only)
10
10
10
ns
tWTS
Setup time, W low before RAS low (test mode only)
10
10
10
ns
tCAH
Hold time, column address after CAS low
10
15
15
ns
tDH
Hold time, data (see Note 10)
10
15
15
ns
tRAH
Hold time, row address after RAS low
10
10
10
ns
tRCH
Hold time, W high after CAS high (see Note 11)
0
0
0
ns
tRRH
Hold time, W high after RAS high (see Note 11)
0
0
0
ns
tWCH
Hold time, W low after CAS low (early-write operation only)
10
15
15
ns
tRHCP
Hold time, RAS high from CAS precharge
35
40
45
ns
tOEH
Hold time, OE command
15
18
20
ns
tROH
Hold time, RAS referenced to OE
10
10
10
ns
tCHS
Hold time, CAS low after RAS high (self refresh)
– 50
– 50
– 50
ns
tWRH
Hold time, W high after RAS low (CBR refresh only)
10
10
10
ns
tWTH
Hold time, W low after RAS low (test mode only)
10
10
10
ns
NOTES:
6. All cycle times assume tT = 5 ns.
7. To assure tPC min, tASC should be ≥ to tCP .
8. In a read-write cycle, tRWD and tRWL must be observed.
9. In a read-write cycle, tCWD and tCWL must be observed.
10. Referenced to the later of CAS or W in write operations
11. Either tRRH or tRCH must be satisfied for a read cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com