Electronic Components Datasheet Search
  English  ▼

X  

BA2902F Datasheet(PDF) 4 Page - Rohm

Part # BA2902F
Description  Ground Sense Operational Amplifiers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA2902F Datasheet(HTML) 4 Page - Rohm

  BA2902F Datasheet HTML 1Page - Rohm BA2902F Datasheet HTML 2Page - Rohm BA2902F Datasheet HTML 3Page - Rohm BA2902F Datasheet HTML 4Page - Rohm BA2902F Datasheet HTML 5Page - Rohm BA2902F Datasheet HTML 6Page - Rohm BA2902F Datasheet HTML 7Page - Rohm BA2902F Datasheet HTML 8Page - Rohm BA2902F Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 56 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR0G200130-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
4/52
23.Jan.2014 Rev.003
TSZ22111・15・001
BA10358xx, BA10324Axx, BA2904xxx, BA2904Sxxx, BA2904Wxx
BA2902xx, BA2902Sxx
Absolute Maximum Ratings (TA=25°C)
○BA10358, BA10324A
Parameter
Symbol
Ratings
Unit
Supply Voltage
VCC-VEE
+32
V
Power dissipation
PD
SOP8
620
(Note 1,7)
mW
SOP-J8
540
(Note 2,7)
SSOP-B8
500
(Note 3,7)
SOP14
450
(Note 4,7)
SOP-J14
820
(Note 5,7)
SSOP-B14
700
(Note 6,7)
Differential Input Voltage
(Note 8)
VID
+32
V
Input Common-mode Voltage Range
VICM
(VEE-0.3) to (VEE+32)
V
Input Current
(Note 9)
II
-10
mA
Wide Operating Supply Voltage
Vopr
+3.0 to +32.0
V
Operating Temperature Range
Topr
-40 to +85
°C
Storage Temperature Range
Tstg
-55 to +125
°C
Maximum Junction Temperature
TJmax
+125
°C
Note: Absolute maximum rating item indicates the condition which must not be exceeded. Application if voltage in excess of absolute maximum rating
or use out of absolute maximum rated temperature environment may cause deterioration of characteristics.
(Note 1) To use at temperature above TA=25°C reduce 6.2mW.
(Note 2) To use at temperature above TA=25°C reduce 5.4mW
(Note 3) To use at temperature above TA=25°C reduce 5.0mW.
(Note 4) To use at temperature above TA=25°C reduce 4.5mW.
(Note 5) To use at temperature above TA=25°C reduce 8.2mW
(Note 6) To use at temperature above TA=25°C reduce 7.0mW.
(Note 7) Mounted on a FR4 glass epoxy PCB 70mm×70mm×1.6mm (Copper foil area less than 3%).
(Note 8) The voltage difference between inverting input and non-inverting input is the differential input voltage.
Then input terminal voltage is set to more than VEE.
(Note 9) An excessive input current will flow when input voltages of less than VEE-0.6V are applied.
The input current can be set to less than the rated current by adding a limiting resistor.
Caution: Operating the IC over the absolute maximum ratings may damage the IC. The damage can either be a short circuit between pins or an open circuit
between pins and the internal circuitry. Therefore, it is important to consider circuit protection measures, such as adding a fuse, in case the IC is operated
over the absolute maximum ratings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com