Electronic Components Datasheet Search
  English  ▼

X  

BA2902F Datasheet(PDF) 8 Page - Rohm

Part # BA2902F
Description  Ground Sense Operational Amplifiers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA2902F Datasheet(HTML) 8 Page - Rohm

Back Button BA2902F Datasheet HTML 4Page - Rohm BA2902F Datasheet HTML 5Page - Rohm BA2902F Datasheet HTML 6Page - Rohm BA2902F Datasheet HTML 7Page - Rohm BA2902F Datasheet HTML 8Page - Rohm BA2902F Datasheet HTML 9Page - Rohm BA2902F Datasheet HTML 10Page - Rohm BA2902F Datasheet HTML 11Page - Rohm BA2902F Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 56 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR0G200130-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
8/52
23.Jan.2014 Rev.003
TSZ22111・15・001
BA10358xx, BA10324Axx, BA2904xxx, BA2904Sxxx, BA2904Wxx
BA2902xx, BA2902Sxx
○BA2904, BA2904S (Unless otherwise specified VCC=+5V, VEE=0V)
Parameter
Symbol
Temperature
Range
Limits
Unit
Condition
Min.
Typ.
Max.
Input Offset Voltage
(Note 22,23)
VIO
25°C
-
2
7
mV
OUT=1.4V
Full range
-
-
10
VCC=5 to 30V, OUT=1.4V
Input Offset Voltage Drift
△VIO /△T
-
-
±7
-
μV/°C OUT=1.4V
Input Offset Current
(Note 22,23)
IIO
25°C
-
2
50
nA
OUT=1.4V
Full range
-
-
200
Input Offset Current Drift
△IIO /△T
-
-
±10
-
pA/°C OUT=1.4V
Input Bias Current
(Note 22,23)
IB
25°C
-
20
250
nA
OUT=1.4V
Full range
-
-
250
Supply Current
(Note 23)
ICC
25°C
-
0.5
1.2
mA
RL=∞, All Op-Amps
Full range
-
-
2
Maximum Output Voltage(High)
(Note 23)
VOH
25°C
3.5
-
-
V
RL=2k
Ω
Full range
27
28
-
VCC=30V, RL=10k
Ω
Maximum Output Voltage(Low)
(Note 23)
VOL
Full range
-
5
20
mV
RL=∞, All Op-Amps
Large Signal Voltage Gain
AV
25°C
25
100
-
V/mV
RL≧2k
Ω, VCC=15V
OUT=1.4 to 11.4V
88
100
-
dB
Input Common-mode
Voltage Range
VICM
25°C
0
-
VCC-1.5
V
(VCC-VEE)=5V
OUT=VEE+1.4V
Common-mode Rejection Ratio
CMRR
25°C
50
80
-
dB
OUT=1.4V
Power Supply Rejection Ratio
PSRR
25°C
65
100
-
dB
VCC=5 to 30V
Output Source Current
(Note 23,24)
ISOURCE
25°C
20
30
-
mA
VIN+=1V, VIN-=0V
OUT=0V, 1CH is short circuit
Full range
10
-
-
Output Sink Current
(Note 23,24)
ISINK
25°C
10
20
-
mA
VIN+=0V, VIN-=1V
OUT=5V, 1CH is short circuit
Full range
2
-
-
25°C
12
40
-
μA
VIN+=0V, VIN-=1V
OUT=200mV
Channel Separation
CS
25°C
-
120
-
dB
f=1kHz, input referred
Slew rate
SR
25°C
-
0.2
-
V/
μs VCC=15V, Av=0dB
RL=2k
Ω, CL=100pF
Gain Band Width
GBW
25°C
-
0.5
-
MHz
VCC=30V, RL=2k
Ω
CL=100pF
Input referred noise voltage
VN
25°C
-
40
-
Hz
nV/
VCC=15V, VEE=-15V
RS=100
Ω, Vi=0V, f=1kHz
(Note 22) Absolute value
(Note 23) BA2904S :Full range -40 to +105°C BA2904 :Full range -40 to +125°C
(Note 24) Under high temperatures, please consider the power dissipation when selecting the output current.
When the output terminal is continuously shorted the output current reduces the internal temperature by flushing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com