Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5407GGU Datasheet(PDF) 39 Page - Texas Instruments

Part # TMS320VC5407GGU
Description  Fixed-Point Digital Signal Processors
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5407GGU Datasheet(HTML) 39 Page - Texas Instruments

Back Button TMS320VC5407GGU Datasheet HTML 35Page - Texas Instruments TMS320VC5407GGU Datasheet HTML 36Page - Texas Instruments TMS320VC5407GGU Datasheet HTML 37Page - Texas Instruments TMS320VC5407GGU Datasheet HTML 38Page - Texas Instruments TMS320VC5407GGU Datasheet HTML 39Page - Texas Instruments TMS320VC5407GGU Datasheet HTML 40Page - Texas Instruments TMS320VC5407GGU Datasheet HTML 41Page - Texas Instruments TMS320VC5407GGU Datasheet HTML 42Page - Texas Instruments TMS320VC5407GGU Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 110 page
background image
Functional Overview
39
November 2001 − Revised April 2004
SPRS007D
3.10 Clock Generator
The clock generator provides clocks to the 5407/5404 device, and consists of a phase-locked loop (PLL)
circuit. The clock generator requires a reference clock input, which can be provided from an external clock
source. The reference clock input is then divided by two (DIV mode) to generate clocks for the 5407/5404
device, or the PLL circuit can be used (PLL mode) to generate the device clock by multiplying the reference
clock frequency by a scale factor, allowing use of a clock source with a lower frequency than that of the CPU.
The PLL is an adaptive circuit that, once synchronized, locks onto and tracks an input clock signal.
When the PLL is initially started, it enters a transitional mode during which the PLL acquires lock with the input
signal. Once the PLL is locked, it continues to track and maintain synchronization with the input signal. Then,
other internal clock circuitry allows the synthesis of new clock frequencies for use as master clock for the
5407/5404 device.
This clock generator allows system designers to select the clock source. The sources that drive the clock
generator are:
•
A crystal resonator circuit. The crystal resonator circuit is connected across the X1 and X2/CLKIN pins
of the 5407/5404 to enable the internal oscillator.
•
An external clock. The external clock source is directly connected to the X2/CLKIN pin, and X1 is left
unconnected.
The software-programmable PLL features a high level of flexibility, and includes a clock scaler that provides
various clock multiplier ratios, capability to directly enable and disable the PLL, and a PLL lock timer that can
be used to delay switching to PLL clocking mode of the device until lock is achieved. Devices that have a
built-in software-programmable PLL can be configured in one of two clock modes:
•
PLL mode. The input clock (X2/CLKIN) is multiplied by 1 of 31 possible ratios.
•
DIV (divider) mode. The input clock is divided by 2 or 4. Note that when DIV mode is used, the PLL can
be completely disabled in order to minimize power dissipation.
The software-programmable PLL is controlled using the 16-bit memory-mapped (address 0058h) clock mode
register (CLKMD). The CLKMD register is used to define the clock configuration of the PLL clock module. Note
that upon reset, the CLKMD register is initialized with a predetermined value dependent only upon the state
of the CLKMD1 − CLKMD3 pins. For more programming information, see the TMS320C54x DSP Reference
Set, Volume 1: CPU and Peripherals (literature number SPRU131). The CLKMD pin configured clock options
are shown in Table 3−8.
Table 3−8. Clock Mode Settings at Reset
CLKMD1
CLKMD2
CLKMD3
CLKMD RESET
VALUE
CLOCK MODE†
0
0
0
0000h
1/2 (PLL and oscillator disabled)
0
0
1
9007h
PLL x 10
0
1
0
4007h
PLL x 5
1
0
0
1007h
PLL x 2
1
1
0
F007h
PLL x 1
1
0
1
F000h
1/4 (PLL disabled)
1
1
1
0000h
1/2 (PLL disabled)
0
1
1
—
Reserved
† The external CLKMD1−CLKMD3 pins are sampled to determine the desired clock generation mode
while RS is low. Following reset, the clock generation mode can be reconfigured by writing to the internal
clock mode register in software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com