Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5407GGU Datasheet(PDF) 21 Page - Texas Instruments

Part # TMS320VC5407GGU
Description  Fixed-Point Digital Signal Processors
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5407GGU Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMS320VC5407GGU Datasheet HTML 17Page - Texas Instruments TMS320VC5407GGU Datasheet HTML 18Page - Texas Instruments TMS320VC5407GGU Datasheet HTML 19Page - Texas Instruments TMS320VC5407GGU Datasheet HTML 20Page - Texas Instruments TMS320VC5407GGU Datasheet HTML 21Page - Texas Instruments TMS320VC5407GGU Datasheet HTML 22Page - Texas Instruments TMS320VC5407GGU Datasheet HTML 23Page - Texas Instruments TMS320VC5407GGU Datasheet HTML 24Page - Texas Instruments TMS320VC5407GGU Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 110 page
background image
Introduction
21
November 2001 − Revised April 2004
SPRS007D
Table 2−2. Signal Descriptions (Continued)
TERMINAL
NAME
DESCRIPTION
I/O†
HOST PORT INTERFACE PINS
A0−A15
I
These pins can be used to address internal memory via the HPI when the HPI16 pin is HIGH.
D0−D15
I/O
These pins can be used to read/write internal memory via the HPI when the HPI16 pin is high. The sixteen
data pins, D0 to D15, are multiplexed to transfer data between the core CPU and external data/program
memory, I/O devices, or HPI in 16-bit mode. The data bus is placed in the high-impedance state when not
outputting or when RS or HOLD is asserted. The data bus also goes into the high-impedance state when
OFF is low.
The data bus includes bus holders to reduce the static power dissipation caused by floating, unused pins.
The bus holders also eliminate the need for external bias resistors on unused pins. When the data bus is
not being driven by the DSP, the bus holders keep the pins at the logic level that was most recently driven.
The data bus holders of the DSP are disabled at reset, and can be enabled/disabled via the BH bit of the
BSCR.
HD0−HD7
I/O/Z
Parallel bi-directional data bus. These pins can also be used as general-purpose I/O pins when the HPI16 pin
is high. HD0−HD7 is placed in the high-impedance state when not outputting data or when OFF is low. The
HPI data bus includes bus holders to reduce the static power dissipation caused by floating, unused pins. When
the HPI data bus is not being driven by the DSP, the bus holders keep the pins at the logic level that was most
recently driven. The HPI data bus holders are disabled at reset, and can be enabled/disabled via the HBH bit
of the BSCR.
HCNTL0
HCNTL1
I
Control inputs. These inputs select a host access to one of the three HPI registers. (Pullup only enabled when
HPIENA=0, HPI16=1)
HBIL
I
Byte identification input. Identifies first or second byte of transfer. (Pullup only enabled when HPIENA=0, invalid
when HPI16=1)
HCS
I
Chip select input. This pin is the select input for the HPI, and must be driven low during accesses.
(Pullup only enabled when HPIENA=0, or HPI16=1)
HDS1
HDS2
I
Data strobe inputs. These pins are driven by the host read and write strobes to control transfers.
(Pullup only enabled when HPIENA=0)
HAS
I
Address strobe input. Address strobe input. Hosts with multiplexed address and data pins require this input,
to latch the address in the HPIA register. (Pull-up only enabled when HPIENA=0)
HR/W
I
Read/write input. This input controls the direction of an HPI transfer. (Pullup only enabled when HPIENA=0)
HRDY
O/Z
Ready output. The ready output informs the host when the HPI is ready for the next transfer. HRDY goes into
the high-impedance state when OFF is low.
HINT
O/Z
Interrupt output. This output is used to interrupt the host. When the DSP is in reset, this signal is driven
high. HINT can also be used for timer 1 output (TOUT1), when the HPI is disabled. The signal goes into the
high-impedance state when OFF is low. (invalid when HPI16=1)
HPIENA
I
HPI enable input. This pin must be tied directly to DVDD to enable the HPI. An internal pulldown resistor is
always active and the HPIENA pin is sampled on the rising edge of RS. If HPIENA is left open or driven low
during reset, the HPI module is disabled. Once the HPI is disabled, the HPIENA pin has no effect until the DSP
is reset.
HPI16
I
HPI 16-bit Select Pin. This pin must be tied directly to DVDD to enable HPI16 mode. This input pin has an
internal pulldown resistor which is always active. If HPI16 is left open or driven low, HPI16 mode is disabled.
The non-multiplexed mode allows hosts with separate address/data buses to access the HPI address range
via the 16 address pins A0−A15. 16-bit Data is also accessible through pins D0−D15. HOST-to-DSP and
DSP-to-HOST interrupts are not supported. There are no HPIC and HPIA registers in the non-multiplexed
mode since there are HCNTRL0,1 signals available.
† I = Input, O = Output, Z = High-impedance, S = Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com