Electronic Components Datasheet Search
  English  ▼

X  

TP1-01 Datasheet(PDF) 1 Page - Copal Electronics

Part # TP1-01
Description  Ultra-Miniature Pushbutton Switches
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

TP1-01 Datasheet(HTML) 1 Page - Copal Electronics

  TP1-01 Datasheet HTML 1Page - Copal Electronics TP1-01 Datasheet HTML 2Page - Copal Electronics TP1-01 Datasheet HTML 3Page - Copal Electronics TP1-01 Datasheet HTML 4Page - Copal Electronics TP1-01 Datasheet HTML 5Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TP&TPL
Ultra-Miniature Pushbutton Switches
■ :WLJPÄJH[PVUZ
Rating
Silver plated contacts 0.1A 30VDC max.
Gold plated contacts 0.1A 30VDC max. 1
μA min.
Initial contact
resistance
Silver plated contacts : 50m
Ω max.
(1.5mA 200μVAC)
Gold plated contacts : 100m
Ω max.
Dielectric strength
500VAC 1 minute
Insulation resistance 100MΩmin.
      (500VDC)
Electrical life
10,000 operations
Operating
force
TP
1.47
±0.98N
  (Momentaly)
TPL
2.45
±0.98N
 (Push to lock)
Operating
temperature range
−10∼+70℃
Storage
temperature range
−25∼+85℃
■ Features
1. Long Travel
DPDT ultra-miniature switch with long travel (latch
position: 1 mm, total travel: 1.5 mm).
2. High Contact Reliability
Clip type contact mechanism ensures high reliability.
3. PC Board Mount
Terminal pitch is in inches (multiples of 2.54 mm) for
all models. The unique terminal shape prevents the
terminal pins from coming loose from the PC board
during dip soldering.
4. Epoxy Sealed Terminals
Epoxy sealed terminals prevent ingress of flux.
5. Wide Variety of Accessories
Wide selection of accessories including color buttons,
mounting frames, and LED illuminations are available
6. Unified Mounting Height
The mounting height of the TP/TPL series is the same
as the LTR/LTM series which makes it convenient to
design into the same panel.
T P L 1
− 01 G − L2
Series
code
Timing of
switching
Operation type
Contact plating
LED color
Structure
Registration No.
Non-shorting
Momentary
Puch to lock
Silver
Without LED
Red
Green
Yellow
Gold
None
None
None
P
LG
L8
L5
L2
RoHS Compliant
■Part Numbering
■Construction
Fig.
12
Construction
Without LED
With LED


Similar Part No. - TP1-01

ManufacturerPart #DatasheetDescription
logo
GREATECS
TP1 GREATECS-TP1 Datasheet
163Kb / 2P
Standard 6 x 6 mm Tactile Switches
logo
List of Unclassifed Man...
TP1 ETC2-TP1 Datasheet
219Kb / 2P
Industrial Test Leads, Probes & Clips
TP1 ETC2-TP1 Datasheet
219Kb / 2P
Industrial Test Leads, Probes & Clips
logo
Littelfuse
TP1.5KE LITTELFUSE-TP1.5KE Datasheet
1Mb / 5P
Transient Voltage Suppression Diodes
TP1.5KE12A LITTELFUSE-TP1.5KE12A Datasheet
1Mb / 5P
Transient Voltage Suppression Diodes
More results

Similar Description - TP1-01

ManufacturerPart #DatasheetDescription
logo
C&K Components
FP11 CK-COMPONENTS-FP11 Datasheet
159Kb / 3P
Sealed Ultra Miniature Pushbutton Switches
logo
List of Unclassifed Man...
301ST1ZBEJ81 ETC2-301ST1ZBEJ81 Datasheet
8Mb / 5P
Miniature pushbutton switches
MPS103F ETC2-MPS103F Datasheet
98Kb / 2P
Miniature Pushbutton Switches
301SZBEJ6168 ETC2-301SZBEJ6168 Datasheet
8Mb / 5P
Miniature pushbutton switches
logo
Copal Electronics
CFP2 COPAL-CFP2 Datasheet
928Kb / 3P
Ultra-Miniature Pushbutton Switches
LTM3-01 COPAL-LTM3-01 Datasheet
192Kb / 2P
Ultra-Miniature Illuminated Pushbutton Switches
LTM3-02 COPAL-LTM3-02 Datasheet
186Kb / 2P
Ultra-Miniature Pushbutton Switches
SP_SERIES COPAL-SP_SERIES Datasheet
504Kb / 4P
Miniature Pushbutton Switches
logo
C&K Components
FP-SERIES CK-COMPONENTS-FP-SERIES Datasheet
178Kb / 3P
Sealed Ultra Miniature Pushbutton Switches
FP CK-COMPONENTS-FP Datasheet
365Kb / 3P
Sealed Ultra Miniature Pushbutton Switches
13 Mar 20
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com