Electronic Components Datasheet Search
  English  ▼

X  

TP1-01 Datasheet(PDF) 3 Page - Copal Electronics

Part # TP1-01
Description  Ultra-Miniature Pushbutton Switches
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

TP1-01 Datasheet(HTML) 3 Page - Copal Electronics

  TP1-01 Datasheet HTML 1Page - Copal Electronics TP1-01 Datasheet HTML 2Page - Copal Electronics TP1-01 Datasheet HTML 3Page - Copal Electronics TP1-01 Datasheet HTML 4Page - Copal Electronics TP1-01 Datasheet HTML 5Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TP/TPL
■Handling Precautions
LED circuit
Accessories
mounting
■Contact method
Code
Item
Contact method
P
Non-shorting
:ON area
■Table of Part Numbers
 
 
Contactt
Series
plating
TP1
TPL1
TP2
TPL2
Non-illuminated
Silver
 TP1−01
TPL1
−01
 TP2−01
 TPL2−01
Gold
★TP1−01G
̶
★TP2−01G
★TPL2−01G
Illuminated
Series
TP2
TPL2
LED
Red
☆TP2−01−L2
☆TPL2−01−L2
Green
 TP2−01−L5
 TPL2−01−L5
Yellow
☆TP2−01−L8
☆TPL2−01−L8
Red
★TP2−01G−L2
★TPL2−01G−L2
Green
★TP2−01G−L5
★TPL2−01G−L5
Yellow
★TP2−01G−L8
★TPL2−01G−L8
Use VF=2.1V to calculate.
IF=10mA
Calculation Example:E=6 V
R=
R=
=390Ω
E−VF
6−2.1
0.01
IF
1.Installing the mounting frame
Install the mounting frame so
that the tab on the frame is
in the same direction as the
switch groove.
2.Installing the color button
Do not remove the button when a switch is locked.
Install the color button so
that the protrusions on the
switch actuator fit in the
square buttonhole.
● The mounting frame
cannot be installed when
the color button is already
mounted on the switch.
Position of a button
☆:Semi-standard products. ★:Made to order products.
There is a range of complete
OFF time in the transit process
from Terminal
① (or ④) to ③
(or
⑥).
Current to be applied to the
LED must be lower than the
forward current (IF) indicated
in the LED Specifications of
each switches. Resistance
value R should be calculated
using the formula on the right.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com