Electronic Components Datasheet Search
  English  ▼

X  

RN171 Datasheet(PDF) 22 Page - Microchip Technology

Part # RN171
Description  2.4 GHz IEEE Std. 802.11 b/g Wireless LAN Module
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN171 Datasheet(HTML) 22 Page - Microchip Technology

Back Button RN171 Datasheet HTML 18Page - Microchip Technology RN171 Datasheet HTML 19Page - Microchip Technology RN171 Datasheet HTML 20Page - Microchip Technology RN171 Datasheet HTML 21Page - Microchip Technology RN171 Datasheet HTML 22Page - Microchip Technology RN171 Datasheet HTML 23Page - Microchip Technology RN171 Datasheet HTML 24Page - Microchip Technology RN171 Datasheet HTML 25Page - Microchip Technology RN171 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
RN171
DS70005171B-page 22
 2014-2016 Microchip Technology Inc.
TABLE 5-5:
RADIO CHARACTERISTICS
Parameters
Specification
Frequency
2.412 to 2.462 GHz
Modulation
802.11b Compatibility: DSSS (CCK-11, CCK-5.5,
DQPSK-2, DBPSK-1) 802.11g: OFDM
Channel Intervals
5 MHz
Channels
1-11
Transmission Rate (Over the Air)
1-11 Mbps for 802.11b/6-54 Mbps for 802.11g
Receive Sensitivity
-83 dBm Typical
Output Level (Class1)
-2 dBm to +12 dBm (Configurable via Software)
TABLE 5-6:
TRANSMITTER AC CHARACTERISTICS
Output Power
802.11 b (2 Mbps)
Current in mA(1)
802.11 g (24 Mbps)
Current in mA(1)
0
120
135
2
130
150
4
170
190
6
175
200
8
180
210
10
185
225
12
190
240
Note 1:
Measured at 3.3V DC VCC. The power consumption is the average power, active during actual power
consumption.
TABLE 5-7:
BOOST (3.3V) REGULATOR CHARACTERISTICS
Parameter
Min.
Typ.
Max.
Units
Test Conditions/Comments
Input Voltage
1.8
—
3.3
V
Output Voltage (VDD_3V3)
—3.3
—
V
Maximum Output Current
——
350
mA
Conversion Efficiency
—80—
%
Switching Frequency
—500
—
kHz
Load Capacitance
—20—
µF
Ceramic X5R or X7R
Switch Element Drive Current
—100
—
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com