Electronic Components Datasheet Search
  English  ▼

X  

RN171 Datasheet(PDF) 18 Page - Microchip Technology

Part # RN171
Description  2.4 GHz IEEE Std. 802.11 b/g Wireless LAN Module
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN171 Datasheet(HTML) 18 Page - Microchip Technology

Back Button RN171 Datasheet HTML 14Page - Microchip Technology RN171 Datasheet HTML 15Page - Microchip Technology RN171 Datasheet HTML 16Page - Microchip Technology RN171 Datasheet HTML 17Page - Microchip Technology RN171 Datasheet HTML 18Page - Microchip Technology RN171 Datasheet HTML 19Page - Microchip Technology RN171 Datasheet HTML 20Page - Microchip Technology RN171 Datasheet HTML 21Page - Microchip Technology RN171 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
RN171
DS70005171B-page 18
 2014-2016 Microchip Technology Inc.
The
R&TTE
Compliance
Association
provides
guidance on modular devices in document Technical
Guidance Note 01 available at:
http://www.rtteca.com/html/download_area.htm
4.3.1
LABELING AND USER
INFORMATION REQUIREMENTS
The label on the final product which contains the
RN171 module must follow CE marking requirements.
The R&TTE Compliance Association Technical Guid-
ance Note 01 provides guidance on final product CE
marking.
4.3.2
EXTERNAL ANTENNA
REQUIREMENTS
From R&TTE Compliance Association document Tech-
nical Guidance Note 01:
Provided the integrator installing an assessed radio
module with an integral or specific antenna and
installed in conformance with the radio module manu-
facturer’s installation instructions requires no further
evaluation under Article 3.2 of the R&TTE Directive and
does not require further involvement of an R&TTE
Directive Notified Body for the final product. [Section
2.2.4]
The European Compliance Testing listed in Table 4-1
was performed using the antenna types listed in
Table 3-1.
4.3.3
HELPFUL WEB SITES
A document that can be used as a starting point in
understanding the use of Short Range Devices (SRD)
in Europe is the European Radio Communications
Committee (ERC) Recommendation 70-03 E, which
can be downloaded from the European Radio Commu-
nications Office (ERO) at: http://www.ero.dk/.
Additional helpful web sites are:
• Radio and Telecommunications Terminal
Equipment (R&TTE):
http://ec.europa.eu/enterprise/rtte/index_en.htm
• European Conference of Postal and
Telecommunications Administrations (CEPT):
http://www.cept.org
• European Telecommunications Standards
Institute (ETSI):
http://www.etsi.org
• European Radio Communications Office (ERO):
http://www.ero.dk
• The Radio and Telecommunications Terminal
Equipment Compliance Association (R&TTE CA):
http://www.rtteca.com/
TABLE 4-1:
EUROPEAN COMPLIANCE TESTING
Note:
To maintain conformance to the testing
listed in Table 4-1, the module shall be
installed
in
accordance
with
the
installation instructions in this data sheet
and shall not be modified.
When integrating a radio module into a
completed
product
the
integrator
becomes the manufacturer of the final
product and is therefore responsible for
demonstrating compliance of the final
product with the essential requirements of
the R&TTE Directive.
Certification
Standard
Article
Laboratory
Report Number
Date
Safety
EN 60950-
1:2006+A11:2009+A1:2010+
A12:2011
(3.1(a)) Worldwide Test-
ing Services (Tai-
wan)
W6R21403-14023-62479 2014-05-13
Health
EN 62479(2010)
W6R21403-14023-L
2014-05-13
EMC
EN 301 489-1 : V1.9.2 (2011) (3.1(b))
W6R21403-14023-E-16
2014-05-13
EN 301 489-17: V2.2.1 (2012)
Radio
EN 300 328 : V1.8.1 (2012)
(3.2)
W6R21403-14023-T-45
2014-05-13
Notified Body
Opinion
Eurofins
U9M21103-4249-C
2011-04-13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com