Electronic Components Datasheet Search
  English  ▼

X  

VPC3242D Datasheet(PDF) 59 Page - Micronas

Part # VPC3242D
Description  Comb Filter Video Processor
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VPC3242D Datasheet(HTML) 59 Page - Micronas

Back Button VPC3242D Datasheet HTML 55Page - Micronas VPC3242D Datasheet HTML 56Page - Micronas VPC3242D Datasheet HTML 57Page - Micronas VPC3242D Datasheet HTML 58Page - Micronas VPC3242D Datasheet HTML 59Page - Micronas VPC3242D Datasheet HTML 60Page - Micronas VPC3242D Datasheet HTML 61Page - Micronas VPC3242D Datasheet HTML 62Page - Micronas VPC3242D Datasheet HTML 63Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 78 page
background image
ADVANCE INFORMATION
VPC 323xD, VPC 324xD
Micronas
59
4.6. Electrical Characteristics
4.6.1. Absolute Maximum Ratings
Stresses beyond those listed in the “Absolute Maximum Ratings” may cause permanent damage to the device. This
is a stress rating only. Functional operation of the device at these or any other conditions beyond those indicated in
the “Recommended Operating Conditions/Characteristics” of this specification is not implied. Exposure to absolute
maximum ratings conditions for extended periods may affect device reliability.
4.6.2. Recommended Operating Conditions
Symbol
Parameter
Pin No.
Min.
Max.
Unit
TA
Ambient Operating Temperature
–
0
65
°C
TS
Storage Temperature
–
–40
125
°C
VSUPA/D
Supply Voltage, all Supply Inputs
–0.3
6
V
VI
Input Voltage, all Inputs
–0.3
VSUPA+0.3
V
VO
Output Voltage, all Outputs
–0.3
VSUPD+0.3
V
Symbol
Parameter
Pin Name
Min.
Typ.
Max.
Unit
TA
Ambient Operating Temperature
–
0
–
65
°C
VSUP
Supply Voltages, all analog Supply
Pins
4.75
5.0
5.25
V
VSUPD
Supply Voltages, all digital Supply
Pins
3.15
3.3
3.45
V
fXTAL
Clock Frequency
XTAL1/2
–
20.25
–
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com