Electronic Components Datasheet Search
  English  ▼

X  

VPC3242D Datasheet(PDF) 24 Page - Micronas

Part # VPC3242D
Description  Comb Filter Video Processor
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VPC3242D Datasheet(HTML) 24 Page - Micronas

Back Button VPC3242D Datasheet HTML 20Page - Micronas VPC3242D Datasheet HTML 21Page - Micronas VPC3242D Datasheet HTML 22Page - Micronas VPC3242D Datasheet HTML 23Page - Micronas VPC3242D Datasheet HTML 24Page - Micronas VPC3242D Datasheet HTML 25Page - Micronas VPC3242D Datasheet HTML 26Page - Micronas VPC3242D Datasheet HTML 27Page - Micronas VPC3242D Datasheet HTML 28Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 78 page
background image
VPC 323xD, VPC 324xD
ADVANCE INFORMATION
24
Micronas
2.12. Picture in Picture (PIP) Processing and
Control
2.12.1. Configurations
To support PIP and/or scan rate conversion (SRC)
applications, the VPC32xxD provides several control
signals for an external field memory IC.
Fig. 2–21 demonstrates two applications with a single
VPC 32xxD. In these cases the VPCsingle writes the
main picture or one of several inset picture(s) into the
field memory. Only one of these pictures is displayed
live. These configurations are suitable for features
such as turner scan, still picture, still in picture and
simple scan rate conversion.
Fig. 2–22 shows an enhanced configuration with two
VPC 32xxD’s. In this case, one live and several still
pictures are inserted into the main live video signal.
The VPCpip processes the inset picture and writes the
original or decimated picture into the field memory.
The VPCmain delivers the main picture, combines it
with the inset picture(s) from the field memory and
stores the combined video signal into a second field
memory for the SRC.
Fig. 2–21: Typical configurations with single VPC 32xxD
Fig. 2–22: Enhanced configuration with two VPC 32xxD
VPC
32XXD
(single)
field
memory
DDP
3310B
YCrCb/RGB
CVBS
YCrCb
LLC1,
RSTWR,
WE, IE
YCrCb
RGB
H/V
Def.
LLC2,
FIFORRD,
FIFORD
VPC
32XXD
(single)
YCrCb/RGB
CVBS
YCrCb
LLC1,
RSTWR,
WE, IE
YCrCb
field
memory
LLC1,
RSTWR,
RE
VPC
32XXD
(pip)
VPC
32XXD
(main)
field
memory
(for PIP)
field
memory
(for SRC)
DDP
3310B
YCrCb/RGB
CVBS
YCrCb/RGB
CVBS
(for main picture)
(for PIP)
YCrCb
LLC1,
RSTWR,
WE, IE
YCrCb
YCrCb
LLC1,
RSTWR,
RE, OE
LLC1,
RSTWR,
WE, IE
RGB
H/V
Def.
LLC2,
FIFORRD,
FIFORD
YCrCb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com